Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233912563 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC233912563
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233912563 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC233912563 Datasheet HTML 1Page - Vishay Siliconix BFC233912563 Datasheet HTML 2Page - Vishay Siliconix BFC233912563 Datasheet HTML 3Page - Vishay Siliconix BFC233912563 Datasheet HTML 4Page - Vishay Siliconix BFC233912563 Datasheet HTML 5Page - Vishay Siliconix BFC233912563 Datasheet HTML 6Page - Vishay Siliconix BFC233912563 Datasheet HTML 7Page - Vishay Siliconix BFC233912563 Datasheet HTML 8Page - Vishay Siliconix BFC233912563 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Document Number: 28138
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 31-Aug-09
305
MKP 339 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
BFC2
339
XX XX X
2222 (*)
339
XX XX X
TYPE
PACKAGING
STANDARD DIMENSIONS
C-TOL
CODE NUMBER
339
X2
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 20 %
BFC2 339 20...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 22...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 24...
Taped (1)
Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm
BFC2 339 26...
Ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 28...
Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 56...
Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 58...
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 10 %
BFC2 339 10...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 12...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 14...
Taped (1)
Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm
BFC2 339 16...
Ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 18...
Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 66...
Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 68...
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 5 %
BFC2 339 50...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 52...
Llead length 25.0 mm ± 2.0 mm
BFC2 339 54...
Taped (1)
Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm
BFC2 339 36...
Ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 38...
Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 76...
Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 78...
PACKAGING
ALTERNATIVE LARGER PITCH SIZES
C-TOL
CODE NUMBER
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 20 %
BFC2 339 21...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 23...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 25...
Taped (1)
Reel or ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 27...
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 10 %
BFC2 339 11...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 13...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 15...
Taped (1)
Reel or ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 17...
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 5 %
BFC2 339 51...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 53...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 55...
Taped (1)
Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm
BFC2 339 46...
Ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 48...
TYPE AND PITCHES
339
X2
7.5 mm
7.5 mm (bent back)
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
Note
(1) For detailed tape specification refer to Packaging Information: www.vishay.com/doc?28139 or end of catalog
(*) old ordering code


Similar Part No. - BFC233912563

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233912 VISHAY-BFC233912 Datasheet
240Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Oct-08
BFC233912105 VISHAY-BFC233912105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233912334 VISHAY-BFC233912334 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
More results

Similar Description - BFC233912563

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com