Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233910472 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # BFC233910472
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233910472 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button BFC233910472 Datasheet HTML 5Page - Vishay Siliconix BFC233910472 Datasheet HTML 6Page - Vishay Siliconix BFC233910472 Datasheet HTML 7Page - Vishay Siliconix BFC233910472 Datasheet HTML 8Page - Vishay Siliconix BFC233910472 Datasheet HTML 9Page - Vishay Siliconix BFC233910472 Datasheet HTML 10Page - Vishay Siliconix BFC233910472 Datasheet HTML 11Page - Vishay Siliconix BFC233910472 Datasheet HTML 12Page - Vishay Siliconix BFC233910472 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28138
312
Revision: 31-Aug-09
Pitch: 15.0 mm; C-tol. = ± 20 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
Short leads
Long leads
H = 18.5.mm
P0 = 12.7 mm
It = 3.5 mm
± 0.3 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 15 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.01
90001
90007
90014
90021
0.015
90002
90008
90015
90022
0.022
90003
90009
90016
90023
0.033
5.0 x 11.0 x 17.5
1
90004
90011
1250
90017
1000
90024
1100
0.047
90005
90012
90018
90025
0.068
90006
90013
90019
90026
0.1
21104
23104
25104
27104
0.15
6.0 x 12.0 x 17.5
1.4
20154
22154
1000
24154
1000
26154
900
Pitch = 15 mm ± 0.4 mm; dt= 0.80 mm ± 0.08 mm
0.22
7.0 x 13.5 x 17.5
1.8
20224
22224
750
24224
500
26224
800
0.33
8.5 x 15.0 x 17.5
2.4
20334
22334
750
24334
500
26334
650
0.47
10.0 x16.5 x 17.5
3
20474
22474
500
24474
450
26474
600
0.47
8.5 x 17.5 x 18.0
3.1
90165
90166
300
90143
500
-
-
0.56
11.0 x 18.5 x 18.0
4.3
90174
90175
225
90176
350
-
-
0.68
11.0 x 18.5 x 18.0
5.5
90168
90169
225
90145
350
-
-


Similar Part No. - BFC233910472

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233910 VISHAY-BFC233910 Datasheet
240Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Oct-08
BFC233910224 VISHAY-BFC233910224 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
More results

Similar Description - BFC233910472

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com