Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSP1 Datasheet(PDF) 2 Page - Schurter Inc.

Part # GSP1
Description  IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB- or Solder Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSP1 Datasheet(HTML) 2 Page - Schurter Inc.

  GSP1 Datasheet HTML 1Page - Schurter Inc. GSP1 Datasheet HTML 2Page - Schurter Inc. GSP1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Connectors (Inlets/Outlets)
GSP
www.schurter.com/pg07
Connectors
±0.05
ø 3.4
+0.1
0
8.7
2.4±0.1
Ground terminal
straight
Ground terminal
31.45
angled
Drilling diagrams
PCB Layout
Ground terminal angled
40±0.15
7 ±0.05
7 ±0.05
X deleted for protection class II
PCB Layout
Ground terminal straight
40±0.15
9.05
9.05
+0.1
0.2
_
+0.1
0.2
_
X deleted for protection class II
Variants
Protection
Class
PCB terminal
spacing
Mounting flange with
Ground terminal 4.8 x 0.8 mm
Cover
Order Number
1
7/7.3
holes for screws M3
angled to pin axis
GSP1.9103.1
1
7/7.3
holes for screws M3
angled to pin axis
l
GSP1.9113.1
1
7/7.3
holes for screws M3
straight
GSP1.9101.1
1
7/7.3
holes for self-tapping screws 3mm, 4 screws enclosed
angled to pin axis
GSP1.9503.1
1
7/7.3
pre-inserted nuts M3, 4 pcs.
angled to pin axis
GSP1.9203.1
1
9.05/9.7
holes for screws M3
straight
GSP1.8101.1
1
9.05/9.7
holes for screws M3
straight
GSP1.8401.1
1
9.05/9.7
holes for screws M3
straight
l
GSP1.8111.1
1
9.05/9.7
holes for self-tapping screws 3mm, 4 screws enclosed
straight
GSP1.8501.1
1
9.05/9.7
pre-inserted nuts M3, 4 pcs.
straight
GSP1.8201.1
2
7/7.3
holes for screws M3
-
GSP1.9100.1
2
7/7.3
holes for screws M3
-
l
GSP1.9110.1
2
7/7.3
holes for self-tapping screws 3mm, 4 screws enclosed
-
GSP1.9500.1
2
7/7.3
pre-inserted nuts M3, 4 pcs.
-
GSP1.9200.1
2
9.05/9.7
holes for screws M3
-
GSP1.8100.1
2
9.05/9.7
holes for screws M3
-
l
GSP1.8110.1
2
9.05/9.7
holes for self-tapping screws 3mm, 4 screws enclosed
-
GSP1.8500.1
2
9.05/9.7
pre-inserted nuts M3, 4 pcs.
-
GSP1.8200.1
Packaging unit
50Pcs


Similar Part No. - GSP1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSP1 SCHURTER-GSP1 Datasheet
383Kb / 2P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
GSP1 SCHURTER-GSP1 Datasheet
379Kb / 2P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
GSP1 SCHURTER-GSP1 Datasheet
380Kb / 2P
   IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
GSP1 SCHURTER-GSP1 Datasheet
383Kb / 2P
   IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
GSP1 SCHURTER-GSP1 Datasheet
357Kb / 2P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
More results

Similar Description - GSP1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSP1 SCHURTER-GSP1_18 Datasheet
342Kb / 4P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB terminals
GSP1 SCHURTER-GSP1_V01 Datasheet
420Kb / 5P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB terminals
GSP1 SCHURTER-GSP1_V02 Datasheet
420Kb / 5P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB terminals
05.01.2022
GSP2 SCHURTER-GSP2_18 Datasheet
408Kb / 5P
   IEC Appliance Inlet C14 or C18, sandwich Mounting, PCB- or Solder Terminal
GSP2 SCHURTER-GSP2 Datasheet
428Kb / 3P
   IEC Appliance Inlet C14 or C18, sandwich Mounting, PCB- or Solder Terminal
6102-3_1809 SCHURTER-6102-3_1809 Datasheet
329Kb / 4P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3 SCHURTER-6102-3 Datasheet
369Kb / 3P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3 SCHURTER-6102-3_V01 Datasheet
338Kb / 4P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3 SCHURTER-6102-3_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3 SCHURTER-6102-3_V02 Datasheet
338Kb / 4P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
05.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com