Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2779AF-06OR Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3P2779AF-06OR
Description  Peak EMI Reducing Solution
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2779AF-06OR Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3P2779AF-06OR Datasheet HTML 1Page - ON Semiconductor ASM3P2779AF-06OR Datasheet HTML 2Page - ON Semiconductor ASM3P2779AF-06OR Datasheet HTML 3Page - ON Semiconductor ASM3P2779AF-06OR Datasheet HTML 4Page - ON Semiconductor ASM3P2779AF-06OR Datasheet HTML 5Page - ON Semiconductor ASM3P2779AF-06OR Datasheet HTML 6Page - ON Semiconductor ASM3P2779AF-06OR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ASM3P2779A
Rev. 4 | Page 4 of 7 | www.onsemi.com
DC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS-0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
IXOL
XOUT output low current (@ 0.4V, VDD = 3.3V)
3
mA
IXOH
XOUT output high current (@ 2.5V, VDD = 3.3V)
3
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 8mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 8mA)
2.5
V
IDD
Static supply current
1
2.0
uA
ICC
Dynamic supply current (3.3V, 16MHz and no load)
3.5
mA
VDD
Operating Voltage
2.7
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)
2
5
mS
ZOUT
Output impedance
45
Notes: 1. XIN / CLKIN pin and PD pin are pulled low.
2. VDD and XIN / CLKIN input are stable, PD pin is made high from low.
AC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
13
30
MHz
ModOUT
Output frequency
13
v
30
MHz
fd
Frequency Deviation
Input Frequency = 13MHz
±1.15
%
Input Frequency = 30MHz
±0.6
tLH
1
Output rise time (measured from 0.8 to 2.0V)
0.5
1.1
1.3
nS
tHL
1
Output fall time (measured at 2.0V to 0.8V)
0.3
0.8
0.9
nS
tJC
Jitter (cycle-to-cycle)
±200
pS
tD
Output duty cycle
45
50
55
%
Note: 1. tLH and tHL are measured into a capacitive load of 15pF.
Modulation Profile


Similar Part No. - ASM3P2779AF-06OR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2779AF-06OR ALSC-ASM3P2779AF-06OR Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2779AF-06OR PULSECORE-ASM3P2779AF-06OR Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
More results

Similar Description - ASM3P2779AF-06OR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com