Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233924473 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # BFC233924473
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233924473 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button BFC233924473 Datasheet HTML 6Page - Vishay Siliconix BFC233924473 Datasheet HTML 7Page - Vishay Siliconix BFC233924473 Datasheet HTML 8Page - Vishay Siliconix BFC233924473 Datasheet HTML 9Page - Vishay Siliconix BFC233924473 Datasheet HTML 10Page - Vishay Siliconix BFC233924473 Datasheet HTML 11Page - Vishay Siliconix BFC233924473 Datasheet HTML 12Page - Vishay Siliconix BFC233924473 Datasheet HTML 13Page - Vishay Siliconix BFC233924473 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Document Number: 28138
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 31-Aug-09
313
MKP 339 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
Pitch: 15.0 mm; C-tol. = ± 10 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
It = 3.5 mm
± 0.3 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 15 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.01
90027
90039
90052
90064
0.012
90028
90041
90053
90065
0.015
90029
90042
90054
90066
0.018
90031
90043
90055
90067
0.022
90032
90044
90056
90068
0.027
90033
90045
90057
90069
0.033
5.0 x 11.0 x 17.5
1.0
90034
90046
1250
90058
1000
90071
1100
0.039
90035
90047
90059
90072
0.047
90036
90048
90061
90073
0.056
90037
90049
90062
90074
0.068
11683
13683
15683
17683
0.082
11823
13823
15823
17823
0.1
11104
13104
15104
17104
0.12
6.0 x 12.0 x 17.5
1.4
10124
12124
1000
14124
1000
16124
900
0.15
10154
12154
14154
16154
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.18
7.0 x 13.5 x 17.5
1.8
10184
12184
750
14184
500
16184
800
0.22
10224
12224
14224
16224
0.27
8.5 x 15.0 x 17.5
2.4
10274
12274
750
14274
500
16274
650
0.33
10334
12334
14334
16334
0.33
9.3 x 14.0 x 18.5
2.9
-
-
-
74334
500
-
-
0.39
10.0 x 16.5 x 17.5
3.0
10394
12394
500
14394
450
16394
600
0.47
10474
12474
14474
16474
0.56
11.0 x 18.5 x 18.0
4.3
90167
90157
225
90144
400
-
-


Similar Part No. - BFC233924473

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233924474 VISHAY-BFC233924474 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
More results

Similar Description - BFC233924473

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com