Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233920333 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BFC233920333
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233920333 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button BFC233920333 Datasheet HTML 3Page - Vishay Siliconix BFC233920333 Datasheet HTML 4Page - Vishay Siliconix BFC233920333 Datasheet HTML 5Page - Vishay Siliconix BFC233920333 Datasheet HTML 6Page - Vishay Siliconix BFC233920333 Datasheet HTML 7Page - Vishay Siliconix BFC233920333 Datasheet HTML 8Page - Vishay Siliconix BFC233920333 Datasheet HTML 9Page - Vishay Siliconix BFC233920333 Datasheet HTML 10Page - Vishay Siliconix BFC233920333 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28138
310
Revision: 31-Aug-09
Pitch: 10.0 mm; C-tol. = ± 10 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
LARGE REEL
(500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
H = 18.5 mm
P0 = 15.0 mm
It = 3.5 mm
+ 1 mm/- 0.5 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
SPQ
Pitch = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
11102
13102
1000
15102
1250
17102
950
-
0.0012
11122
13122
15122
17122
0.0015
11152
13152
15152
17152
0.0018
11182
13182
15182
17182
0.0022
11222
13222
15222
17222
0.0027
11272
13272
15272
17272
0.0033
11332
13332
15332
17332
0.0039
11392
13392
15392
17392
0.0047
11472
13472
15472
17472
0.0056
11562
13562
15562
17562
0.0068
11682
13682
15682
17682
0.0082
11822
13822
15822
17822
0.01
11103
13103
15103
17103
0.012
11123
13123
15123
17123
0.015
11153
13153
15153
17153
0.018
11183
13183
15183
17183
0.022
11223
13223
15223
17223
0.027
11273
13273
15273
17273
0.033
11333
13333
15333
17333
0.039
11393
13393
15393
17393
0.047
11473
13473
15473
17473
0.056
5.0 x 11.0 x 12.5
0.82
11563
13563
1000
15563
1000
17563
750
0.068
10683
12683
14683
18683
16683
1900
0.082
6.0 x 12.0 x 12.5
1.1
10823
12823
750
14823
750
18823
600
16823
1500
0.1
10104
12104
14104
18104
16104


Similar Part No. - BFC233920333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233920334 VISHAY-BFC233920334 Datasheet
190Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Jul-13
More results

Similar Description - BFC233920333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com