Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-30663 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AMIS-30663
Description  High Speed CAN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-30663 Datasheet(HTML) 3 Page - ON Semiconductor

  AMIS-30663 Datasheet HTML 1Page - ON Semiconductor AMIS-30663 Datasheet HTML 2Page - ON Semiconductor AMIS-30663 Datasheet HTML 3Page - ON Semiconductor AMIS-30663 Datasheet HTML 4Page - ON Semiconductor AMIS-30663 Datasheet HTML 5Page - ON Semiconductor AMIS-30663 Datasheet HTML 6Page - ON Semiconductor AMIS-30663 Datasheet HTML 7Page - ON Semiconductor AMIS-30663 Datasheet HTML 8Page - ON Semiconductor AMIS-30663 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMIS−30663
http://onsemi.com
3
Typical Application
AMIS−
30663
CANH
CANL
GND
RxD
TxD
VREF
2
1
3
4
5
6
7
8
CAN
controller
VBAT
5V−reg
IN
OUT
47 nF
60 W
60 W
CAN
BUS
47 nF
60 W
60 W
3.3V−
reg
IN
OUT
GND
Figure 2. Application Diagram
5
6
7
8
1
2
3
4
TxD
RxD
GND
CANL
CANH
Figure 3. Pin Configuration
(top view)
VCC
VCC
V33
V33
VREF
VCC
Table 3. Pin Out
Pin
Name
Description
1
TxD
Transmit data input; low input → dominant driver; internal pull−up current
2
GND
Ground
3
VCC
Supply voltage
4
RxD
Receive data output; dominant transmitter → low output
5
VREF
Reference voltage output
6
CANL
LOW−level CAN bus line (low in dominant mode)
7
CANH
HIGH−level CAN bus line (high in dominant mode)
8
V33
3.3 V supply for digital I/O


Similar Part No. - AMIS-30663

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30663 AMI-AMIS-30663 Datasheet
216Kb / 12P
   High Speed CAN Transceiver
logo
ON Semiconductor
AMIS-30663 ONSEMI-AMIS-30663_14 Datasheet
168Kb / 11P
   High Speed CAN Transceiver
January, 2009 ??Rev. 6
More results

Similar Description - AMIS-30663

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com