Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-30660 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AMIS-30660
Description  High Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-30660 Datasheet(HTML) 4 Page - ON Semiconductor

  AMIS-30660 Datasheet HTML 1Page - ON Semiconductor AMIS-30660 Datasheet HTML 2Page - ON Semiconductor AMIS-30660 Datasheet HTML 3Page - ON Semiconductor AMIS-30660 Datasheet HTML 4Page - ON Semiconductor AMIS-30660 Datasheet HTML 5Page - ON Semiconductor AMIS-30660 Datasheet HTML 6Page - ON Semiconductor AMIS-30660 Datasheet HTML 7Page - ON Semiconductor AMIS-30660 Datasheet HTML 8Page - ON Semiconductor AMIS-30660 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AMIS−30660
http://onsemi.com
4
FUNCTIONAL DESCRIPTION
Operating Modes
The behavior of AMIS−30660 under various conditions is
illustrated in Table 5 below. In case the device is powered,
one of two operating modes can be selected through Pin S.
Table 5. FUNCTIONAL TABLE OF AMIS−30660 (X = DON’T CARE)
VCC
Pin TxD
Pin S
Pin CANH
Pin CANL
Bus State
Pin RxD
4.75 V to 5.25 V
0
0 (or Floating)
High
Low
Dominant
0
4.75 V to 5.25 V
X
1
VCC / 2
VCC / 2
Recessive
1
4.75 V to 5.25 V
1 (or Floating)
X
VCC / 2
VCC / 2
Recessive
1
VCC < PORL (Unpowered)
X
X
0 V < CANH
< VCC
0 V < CANL <
VCC
Recessive
1
PORL < VCC < 4.75 V
> 2 V
X
0 V < CANH
< VCC
0 V < CANL <
VCC
Recessive
1
High−Speed Mode
If Pin S is pulled low (or left floating), the transceiver is
in its high−speed mode and is able to communicate via the
bus lines. The signals are transmitted and received to the
CAN controller via the Pins TxD and RxD. The slopes on the
bus line outputs are optimized to give extremely low
electromagnetic emissions.
Silent Mode
In silent mode, the transmitter is disabled. All other IC
functions continue to operate. The silent mode is selected by
connecting Pin S to VCC and can be used to prevent network
communication from being blocked, due to a CAN
controller which is out of control.
Overtemperature Detection
A thermal protection circuit protects the IC from damage
by switching off the transmitter if the junction temperature
exceeds a value of approximately 160
°C. Because the
transmitter dissipates most of the power, the power
dissipation and temperature of the IC is reduced. All other
IC functions continue to operate. The transmitter off−state
resets when Pin TxD goes high. The thermal protection
circuit is particularly necessary when a bus line
short−circuits.
TxD Dominant Time−out Function
A TxD dominant time−out timer circuit prevents the bus
lines from being driven to a permanent dominant state
(blocking all network communication) if Pin TxD is forced
permanently low by a hardware and/or software application
failure. The timer is triggered by a negative edge on pin TxD.
If the duration of the low−level on Pin TxD exceeds the
internal timer value tdom, the transmitter is disabled, driving
the bus into a recessive state. The timer is reset by a positive
edge on Pin TxD.
Fail−Safe Features
A current−limiting circuit protects the transmitter output
stage from damage caused by an accidental short−circuit to
either positive or negative supply voltage, although power
dissipation increases during this fault condition.
The Pins CANH and CANL are protected from
automotive electrical transients (according to “ISO 7637”;
see Figure 3). Pin TxD is pulled high internally should the
input become disconnected.


Similar Part No. - AMIS-30660

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30660 AMI-AMIS-30660 Datasheet
641Kb / 11P
   High Speed CAN Transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
AMIS-30660 ONSEMI-AMIS-30660_14 Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
More results

Similar Description - AMIS-30660

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com