Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7488A Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7488A
Description  SST Digital Temperature Sensor and Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7488A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7488A Datasheet HTML 4Page - ON Semiconductor ADT7488A Datasheet HTML 5Page - ON Semiconductor ADT7488A Datasheet HTML 6Page - ON Semiconductor ADT7488A Datasheet HTML 7Page - ON Semiconductor ADT7488A Datasheet HTML 8Page - ON Semiconductor ADT7488A Datasheet HTML 9Page - ON Semiconductor ADT7488A Datasheet HTML 10Page - ON Semiconductor ADT7488A Datasheet HTML 11Page - ON Semiconductor ADT7488A Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADT7488A
http://onsemi.com
8
Table 3. 16−Byte DIB Details
Byte
Name
Value
Description
0
Device
Capabilities
0xc0
Fixed address
device
1
Version/Revision
0x10
Meets Version 1 of
SST specification
2, 3
Vendor ID
00x11d4
Contains company
ID number in little
endian format
4, 5
Device ID
0x7488
Contains device ID
number in little
endian format
6
Device Interface
0x01
SST device
7
Function
Interface
0x00
Reserved
8
Reserved
0x00
Reserved
9
Reserved
0x00
Reserved
10
Reserved
0x00
Reserved
11
Reserved
0x00
Reserved
12
Reserved
0x00
Reserved
13
Reserved
0x00
Reserved
14
Revision ID
0x05
Contains revision ID
15
Client Device
Address
0x48 to
0x4a
Dependent on the
state of address pin
Ping()
The Ping() command verifies if a device is responding at
a particular address. The ADT7488A shows a valid
non−zero FCS in response to the Ping() command when
correctly addressed.
Table 4. Ping() Command
Target Address
Write Length
Read Length
FCS
(Not necessary)
0x00
0x00
ResetDevice()
This command resets the register map and conversion
controller. The reset command can be global or directed at
the client address of the ADT7488A.
Table 5. ResetDevice() Command
Target Address
Write
Length
Read
Length
Reset
Command
FCS
Device Address
0x01
0x00
0xf6
GetIntTemp()
The ADT7488A shows the local temperature of the device
in response to the GetIntTemp() command. The data has a
little endian, 16−bit, twos complement format.
GetExt1Temp()
Prompted by the GetExt1Temp() command, the
ADT7488A shows the temperature of Remote Diode 1 in
little endian, 16−bit, twos complement format. The
ADT7488A shows 0x8000 in response to this command if
the external diode is an open or short circuit.
GetExt2Temp()
Prompted by the GetExt2Temp() command, ADT7488A
shows the temperature of Remote Diode 2 in little endian,
16−bit, twos complement format. The ADT7488A shows
0x8000 in response to this command if the external diode is
an open or short circuit.
GetAllTemps()
The ADT7488A shows the local and remote temperatures
in a 6−byte block of data (internal temperature first,
followed by External 1 temperature, followed by External 2
temperature) in response to a GetAllTemps() command.
SetExtOffset()
This command sets the offset that the ADT7488A will use
to correct errors in the external diode. The offset is set in little
endian, 16−bit, twos complement format. The maximum
offset is
±128°C with +0.25°C resolution.
GetExtOffset()
This command causes the ADT7488A to show the offset
that it is using to correct errors in the external diode. The
offset value is returned in little endian format, that is, LSB
before MSB.
ADT7488A Response to Unsupported Commands
A full list of command codes supported by the
ADT7488A is given in Table 2. The offset registers
(Command Code 0xe0) are the only registers that the user
can write to. The other defined registers are read only.
Writing to Register Addresses 0x02, 0x09, and 0x15 to 0xdf
shows a valid FSC, but no action is taken by the ADT7488A.
The ADT7488A shows an invalid FSC if the user attempts
to write to the device between Command Codes 0xe2 to
0xee. These registers are reserved for the manufacturer’s use
only, and no data can be written to the device via these
addresses.
Voltage Measurement
The ADT7488A has two external voltage measurement
channels. It can also measure its own supply voltage, VCC.
Pins 7 and 8 measure the supplies of the processor core
voltage (VCCP), and 2.5 V pins, respectively. The VCC
supply voltage measurement is carried out through the VCC
pin (Pin 1). The 2.5 V pin can be used to monitor a chip−set
supply voltage in a computer system.
Analog−to−Digital Converter
All analog inputs are multiplexed into the on−chip,
successive approximation, analog−to−digital converter
(ADC). This has a resolution of 10 bits. The basic input
range is 0 V to 2.25 V, but the inputs have built−in
attenuators to allow measurement of 2.5 V, 3.3 V, 5.0 V,
12 V, and the processor core voltage (VCCP) without any
external components.
To allow for the tolerance of these supply voltages, the
ADC produces a specific output for each nominal input


Similar Part No. - ADT7488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488AARMZ-REEL AD-ADT7488AARMZ-REEL Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488AARMZ-REEL7 AD-ADT7488AARMZ-REEL7 Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
More results

Similar Description - ADT7488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
   LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
SMSC Corporation
EMC1152 SMSC-EMC1152 Datasheet
322Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
EMC1133 SMSC-EMC1133 Datasheet
211Kb / 3P
   SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
SMSC Corporation
EMC1102 SMSC-EMC1102 Datasheet
333Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com