Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

043057070100 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 043057070100
Description  Power Relay 430
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

043057070100 Datasheet(HTML) 2 Page - Tyco Electronics

  043057070100 Datasheet HTML 1Page - Tyco Electronics 043057070100 Datasheet HTML 2Page - Tyco Electronics 043057070100 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
Dimensions
S0448-AA
S0449-AA
S0448-AB
PCB version, 1 CO contact
S0448-AC
S0448-AD
PCB version, 2 CO contacts
Snap mounting
S0449-AI
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 8/8 mm
adjacent contact circuits
W 3/4 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 380M
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230/400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0349
Ambient temperature range
-20...+70°C
Operate- / release time
typ. 18 / 3 ms
Bounce time NO / NC contact
typ. 3 ms
Category of protection
RTI - dust protected
Mounting
pcb, mounting brackets, snap mounting, DIN rail
Resistance to soldering heat
270°C / 10 s
Relay weight
32 g
Packaging unit
50 pcs
2
Power Relay 430 (Continued)
General Purpose Relays
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.


Similar Part No. - 043057070100

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0430500000 WEIDMULLER-0430500000 Datasheet
1Mb / 52P
   SAK-series
logo
Tyco Electronics
043054090100 MACOM-043054090100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043054091100 MACOM-043054091100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043055090100 MACOM-043055090100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043055091100 MACOM-043055091100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
More results

Similar Description - 043057070100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
430 MACOM-430_09 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
logo
NTE Electronics
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
   430 MHz Lowpass Filter
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
   Low Power 430 MHz HFM Oscillator w/Disable
logo
KR Electronics, Inc.
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
   430 MHz Lowpass Filter
logo
Johanson Technology Inc...
0430BL15A0100 JOHANSON-0430BL15A0100 Datasheet
205Kb / 2P
   430 MHz 1:2 Balun
logo
List of Unclassifed Man...
ABT-430-RC ETC2-ABT-430-RC Datasheet
269Kb / 1P
   ABT-430-RC SPECIFICATION SHEET
logo
Oscilent Corporation
CO-430 OSCILENT-CO-430 Datasheet
151Kb / 3P
   430 Series Surface Mount Crystal Oscillators
logo
PCE Instruments.
PCE-430 PCE-PCE-430 Datasheet
678Kb / 3P
   Sound Level Data Logger PCE-430
logo
Marathon Special Produc...
HVPB103 MARATHON-HVPB103 Datasheet
94Kb / 3P
   430 Amps 1500 Volts AC/DC
REV-A 07/25/13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com