Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7473ARQZ-1R7 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADT7473ARQZ-1R7
Description  dBCOOL Remote Thermal Monitor and Fan Control
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7473ARQZ-1R7 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADT7473ARQZ-1R7 Datasheet HTML 5Page - ON Semiconductor ADT7473ARQZ-1R7 Datasheet HTML 6Page - ON Semiconductor ADT7473ARQZ-1R7 Datasheet HTML 7Page - ON Semiconductor ADT7473ARQZ-1R7 Datasheet HTML 8Page - ON Semiconductor ADT7473ARQZ-1R7 Datasheet HTML 9Page - ON Semiconductor ADT7473ARQZ-1R7 Datasheet HTML 10Page - ON Semiconductor ADT7473ARQZ-1R7 Datasheet HTML 11Page - ON Semiconductor ADT7473ARQZ-1R7 Datasheet HTML 12Page - ON Semiconductor ADT7473ARQZ-1R7 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
ADT7473
http://onsemi.com
9
Figure 12. ADT7473 Configuration
TACH2
PWM3
TACH3
D1+
D1–
GND
ADT7473
SCL
SDA
TACH1
PWM1
CPU FAN
AMBIENT
TEMPERATURE
SMBALERT
D2+
D2–
THERM
PROCHOT
FRONT
CHASSIS
FAN
REAR
CHASSIS
FAN
CPU
ICH
Serial Bus Interface
On PCs and servers, control of the ADT7473/ADT7473−1
is carried out using the SMBus. The ADT7473/ADT7473−1
is connected to this bus as a slave device, under the control of
a master controller, which is usually (but not necessarily) the
ICH.
The ADT7473 has a fixed 7−bit serial bus address of
0101110 or 0x2E. The read/write bit must be added to get the
8−bit address (01011100 or 0x5C). When the ADT7473−1
is powered up with Pin 8 (PWM3/ADDREN) high, the
ADT7473−1 has a default SMBus address of 0101110 or
0x2E. If more than one ADT7473−1 is used in a system,
each ADT7473−1 is placed in ADDR SELECT mode by
strapping Pin 8 low on powerup. The logic state of Pin 4 then
determines the device’s SMBus address. The logic of these
pins is sampled on powerup.
The device address is sampled on powerup and latched on
the first valid SMBus transaction, more precisely on the
low−to−high transition at the beginning of the eighth SCL
pulse, when the serial bus address byte matches the selected
slave address. The selected slave address is chosen using the
ADDREN pin/ADDR SELECT pin. Any attempted change
in the address has no effect after this.
Table 3. Hardwiring the ADT7473−1 SMBus Device
Address
Pin 13 State
Pin 14 State
Address
0
Low (10 kW to GND)
0101100 (0x2C)
0
High (10 kW pullup)
0101101 (0x2D)
1
Don’t care
0101110 (0x2E)
Figure 13. Default SMBus Address = 0x2E
ADT7473−1
4
ADDRESS = 0x2E
VCC
ADDR SELECT
8
PWM3/ADDREN
10kΩ
Figure 14. SMBus Address = 0x2C (Pin4 = 0)
ADT7473−1
4
ADDRESS = 0x2C
8
10kΩ
ADDR SELECT
PWM3/ADDREN
Figure 15. SMBus Address = 0x2D (Pin 4 = 1)
ADT7473−1
4
ADDRESS = 0x2D
8
VCC
10kΩ
ADDR SELECT
PWM3/ADDREN


Similar Part No. - ADT7473ARQZ-1R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473ARQZ-1RL ONSEMI-ADT7473ARQZ-1RL Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473ARQZ-1RL ONSEMI-ADT7473ARQZ-1RL Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
More results

Similar Description - ADT7473ARQZ-1R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com