Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7473ARQZ-001 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7473ARQZ-001
Description  dBCOOL Remote Thermal Monitor and Fan Control
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7473ARQZ-001 Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7473ARQZ-001 Datasheet HTML 1Page - ON Semiconductor ADT7473ARQZ-001 Datasheet HTML 2Page - ON Semiconductor ADT7473ARQZ-001 Datasheet HTML 3Page - ON Semiconductor ADT7473ARQZ-001 Datasheet HTML 4Page - ON Semiconductor ADT7473ARQZ-001 Datasheet HTML 5Page - ON Semiconductor ADT7473ARQZ-001 Datasheet HTML 6Page - ON Semiconductor ADT7473ARQZ-001 Datasheet HTML 7Page - ON Semiconductor ADT7473ARQZ-001 Datasheet HTML 8Page - ON Semiconductor ADT7473ARQZ-001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
ADT7473
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1)
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage
3.0
3.3
3.6
V
Supply Current, ICC
Interface inactive, ADC active
1.5
3.0
mA
Temperature−to−Digital Converter
Local Sensor Accuracy
Resolution
0°C ≤ TA ≤ 85°C
−40°C ≤ TA ≤ +125°C
±0.5
0.25
±1.5
±2.5
°C
Remote Diode Sensor Accuracy
Resolution
0°C ≤ TA ≤ 85°C
−40°C ≤ TA ≤ +125°C
±0.5
0.25
±1.5
±2.5
°C
Remote Sensor Source Current
First Current
Second Current
Third Current
6
36
96
mA
Analog−to−Digital Converter (Including MUX and Attentuators)
Total Unadjusted Error (TUE)
±1.5
%
Differential Nonlinearity (DNL)
8 bits
±1.0
LSB
Power Supply Sensitivity
±0.1
%/V
Conversion Time (Voltage Input)
Averaging enabled
11
ms
Conversion Time (Local Temperature)
Averaging enabled
12
ms
Conversion Time (Remote Temperature)
Averaging enabled
38
ms
Total Monitoring Cycle Time
Averaging enabled
Averaging disabled
145
19
ms
Input Resistance
For VCCP channel
70
120
kW
Fan RPM−to−Digital Converter
Accuracy
0°C ≤ TA ≤ 70°C
−40°C ≤ TA ≤ +120°C
±6.0
±10
%
Full−Scale Count
65,535
Nominal Input RPM
Fan count = 0xBFFF
Fan count = 0x3FFF
Fan count = 0x0438
Fan count = 0x021C
109
329
5000
10,000
RPM
Open−Drain Digital Outputs, PWM1 to PWM3, XTO
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
IOUT = −8.0 mA
0.4
V
High Level Output Current, IOH
VOUT = VCC
0.1
20
mA
Open−Drain Serial Data Bus Output (SDA)
Output Low Voltage, VOL
IOUT = −4.0 mA
0.4
V
High Level Output Current, IOH
VOUT = VCC
0.1
1.0
mA
Digital Output Logic Levels, ADT7473−1 (THERM_LATCH) ADTL+
Output High Voltage, VOH
0.75 x VCC
V
Output Low Voltage, VOL
0.4
V
SMBus Digital Inputs (SCL, SDA)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.4
V
Hysteresis
500
mV
Digital Input Logic Levels (TACH Inputs)
Input High Voltage, VIH
Maximum input voltage
2.0
3.6
V
Input Low Voltage, VIL
Minimum input voltage
−0.3
0.8
V
Hysteresis
0.5
V p−p


Similar Part No. - ADT7473ARQZ-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473ARQZ-1RL ONSEMI-ADT7473ARQZ-1RL Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473ARQZ-1RL ONSEMI-ADT7473ARQZ-1RL Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
logo
Analog Devices
ADT7473ARQZ-REEL AD-ADT7473ARQZ-REEL Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473ARQZ-REEL ONSEMI-ADT7473ARQZ-REEL Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473ARQZ-REEL ONSEMI-ADT7473ARQZ-REEL Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
More results

Similar Description - ADT7473ARQZ-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com