Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7476ARQZ Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADT7476ARQZ
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADT7476ARQZ Datasheet HTML 2Page - ON Semiconductor ADT7476ARQZ Datasheet HTML 3Page - ON Semiconductor ADT7476ARQZ Datasheet HTML 4Page - ON Semiconductor ADT7476ARQZ Datasheet HTML 5Page - ON Semiconductor ADT7476ARQZ Datasheet HTML 6Page - ON Semiconductor ADT7476ARQZ Datasheet HTML 7Page - ON Semiconductor ADT7476ARQZ Datasheet HTML 8Page - ON Semiconductor ADT7476ARQZ Datasheet HTML 9Page - ON Semiconductor ADT7476ARQZ Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
ADT7476
http://onsemi.com
6
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires SMBus pullup.
2
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires SMBus pullup.
3
GND
Ground Pin.
4
VCC
Power Supply. Powered by 3.3 V standby, if monitoring in low power states is required. VCC is also
monitored through this pin.
5
VID0/
GPIO0
Digital Input. Voltage supply readouts from CPU. This value is read into the VID/GPIO register (0x43).
General−Purpose Open Drain Digital I/O.
6
VID1/
GPIO1
Digital Input. Voltage supply readouts from CPU. This value is read into the VID/GPIO register (0x43).
General−Purpose Open Drain Digital I/O.
7
VID2/
GPIO2
Digital Input. Voltage supply readouts from CPU. This value is read into the VID/GPIO register (0x43).
General−Purpose Open Drain Digital I/O.
8
VID3/
GPIO3
Digital Input. Voltage supply readouts from CPU. This value is read into the VID/GPIO register (0x43).
General−Purpose Open Drain Digital I/O.
9
TACH3
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 3.
10
PWM2/
SMBALERT
Digital Output (Open Drain). Requires 10 kW typical pullup. Pulse width modulated output to control Fan 2
speed. Can be configured as a high or low frequency drive. Digital Output (Open Drain). This pin can be
reconfigured as an SMBALERT interrupt output to signal out−of−limit conditions.
11
TACH1
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 1.
12
TACH2
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 2.
13
PWM3
ADDREN
Digital I/O (Open Drain). Pulse width modulated output to control the speed of Fan 3 and Fan 4. Requires
10 kW typical pullup. Can be configured as a high or low frequency drive.
If pulled low on powerup, the ADT7476 enters address select mode, and the state of Pin 14 (ADDR SELECT)
determines the ADT7476’s slave address.
14
TACH4/
THERM/
SMBALERT/
GPIO6/
ADDR SELECT
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 4.
Alternatively, the pin can be reconfigured as a bidirectional THERM pin. Times and monitors assertions on
the THERM input. For example, it can be connected to the PROCHOT output of Intel’s Pentium 4
processor or to the output of a trip point temperature sensor. Can be used as an output to signal
overtemperature conditions.
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal
out−of−limit conditions.
General−Purpose Open Drain Digital I/O.
If in address select mode, the logic state of this pin defines the SMBus device address.
15
D2–
Cathode Connection to Second Thermal Diode.
16
D2+
Anode Connection to Second Thermal Diode.
17
D1–
Cathode Connection to First Thermal Diode.
18
D1+
Anode Connection to First Thermal Diode.
19
VID4/
GPIO4
Digital Input. Voltage supply readouts from CPU. This value is read into the VID/GPIO register (0x43).
General−Purpose Open Drain Digital I/O.
20
+5.0 VIN
Analog Input. Monitors 5.0 V power supply.
21
+12 VIN/
VID5
Analog Input. Monitors 12 V power supply.
Digital Input. Voltage supply readouts from CPU. This value is read into the VID/GPIO register (0x43).
22
+2.5 VIN/
THERM
Analog Input. Monitors 2.5 V supply, typically a chipset voltage.
Alternatively, this pin can be reconfigured as a bidirectional/omnidirectional THERM pin. Can be used to
time and monitor assertions on the THERM input. For example, can be connected to the PROCHOT
output of Intel’s Pentium 4 processor or to the output of a trip point temperature sensor. Can be used as
an output to signal overtemperature conditions.
23
VCCP
Analog Input. Monitors processor core voltage (0 V to 3.0 V).
24
PWM1/
XTO
Digital Output (Open Drain). Pulse width modulated output to control the speed of Fan 1. Requires 10 kW
typical pullup.
Also functions as the output from the XOR tree in XOR test mode.


Similar Part No. - ADT7476ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7476ARQZ AD-ADT7476ARQZ Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7476ARQZ-REEL AD-ADT7476ARQZ-REEL Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
logo
ON Semiconductor
ADT7476ARQZ-REEL ONSEMI-ADT7476ARQZ-REEL Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
More results

Similar Description - ADT7476ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com