Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40906030001 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 40906030001
Description  Power PCB Relay 409
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

40906030001 Datasheet(HTML) 1 Page - Tyco Electronics

  40906030001 Datasheet HTML 1Page - Tyco Electronics 40906030001 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power PCB Relay 409
1 pole 10 A, 2 pole 8 A
Contact data
Configuration
1 C/O
1 N/O
2 C/O
Type of contact
single contact
Rated current pinning 3.5/5 mm
10/16 A
10/16 A
-/8 A
Rated voltage / max.breaking voltage AC
250 Vac / 400 Vac
Max. breaking voltage DC
250 Vdc
Maximum breaking capacity AC
4000 VA
4000 / 2500 VA
2000 VA
Make current (max. 4 s at duty cycle 10%)
20 A
20 / 12 A
10 A
peak inrush current 20 ms
20 A
20 / 16 A
16 A
Contact material
AgCdO
Features
• 1 C/O or 1 N/O contact, 10 / 16 A
• Pinning 3,5 or 5 mm
• 2 C/O contacts ( 409 03 )
• 4 kV / 8 mm coil-contact ( 409 07 )
Applications
Power supplies, domestic appliances, heating controls
Contact ratings
Type
Load
Operations
409 03
8 A, 250 Vac, resistive
2x105
409 04
10 A, 250 Vac, resistive
2x105
409 06
16 A, 250 Vac, resistive
2x105
409 07
16 A, 250 Vac, resistive
2x105
Coil versions DC-coil
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
034
6
3.9
0.45
7.4
43+10%
140.0
030
12
9.6
0.9
19.1
285+10%
42.0
028
24
16.3
1.8
31.0
720+10%
33.0
027
24
18.0
1.8
34.0
880+15%
27.0
024
48
34.5
3.6
60.6
2700+15%
18.0
023
60
41.0
4.5
77.8
4400+15%
14.0
021
100
64.0
7.5
117.7
10400+15%
9.6
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
F0249-A
Coil data
Nominal voltage
DC coil
2.5...110 Vdc
Nominal coil power
DC coil
0.6...0.8 W
Operate category
c
Z (409 07 only)
Technical data of approved types on request


Similar Part No. - 40906030001

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
4090207800 DELTA-4090207800 Datasheet
2Mb / 22P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results

Similar Description - 40906030001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
700D227912-409 ETC2-700D227912-409 Datasheet
566Kb / 4P
   700D227912-409
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com