Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-284047-4 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1-284047-4
Description  TERMINAL BLOCK VERTICAL PLUG STACKING RIGHT HAND 5.08mm PITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-284047-4 Datasheet(HTML) 8 Page - Tyco Electronics

  1-284047-4 Datasheet HTML 1Page - Tyco Electronics 1-284047-4 Datasheet HTML 2Page - Tyco Electronics 1-284047-4 Datasheet HTML 3Page - Tyco Electronics 1-284047-4 Datasheet HTML 4Page - Tyco Electronics 1-284047-4 Datasheet HTML 5Page - Tyco Electronics 1-284047-4 Datasheet HTML 6Page - Tyco Electronics 1-284047-4 Datasheet HTML 7Page - Tyco Electronics 1-284047-4 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image


Similar Part No. - 1-284047-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-284047-4 TEC-1-284047-4 Datasheet
577Kb / 8P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-284047-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546231 MACOM-C-1546231 Datasheet
46Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING RIGHT HAND 5.08mm PITCH
C-1546122 MACOM-C-1546122 Datasheet
80Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG, STACKING, RIGHT HAND, 5.08mm PITCH
C-284049 MACOM-C-284049 Datasheet
105Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING, RIGHT HAND 7.62mm PITCH
C-1546224 MACOM-C-1546224 Datasheet
43Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.08mm PITCH
C-284041 MACOM-C-284041 Datasheet
115Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING, LEFT HAND 5.08mm PITCH
C-1546223 MACOM-C-1546223 Datasheet
42Kb / 1P
   TERMINAL BLOCK PLUG, VERTICAL, STACKING, LEFT HAND 5.00mm PITCH
C-1546118 MACOM-C-1546118 Datasheet
67Kb / 2P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.0mm PITCH
C-284040 MACOM-C-284040 Datasheet
69Kb / 2P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.0mm PITCH
C-796635 MACOM-C-796635 Datasheet
219Kb / 2P
   TERMINAL BLOCK PLUG, STACKING, 5.08mm PITCH
C-796634 MACOM-C-796634 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com