Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRS5020T220M Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRS5020T220M
Description  SMD INDUCTORS SMALL AND LARGE CURRENT TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRS5020T220M Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  NRS5020T220M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NRS5020T220M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NRS5020T220M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NRS5020T220M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRS5020T220M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRS5020T220M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRS5020T220M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRS5020T220M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRS5020T220M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
128
1
wound05_e-01
FEATURES
ORDERING CODE
EXTERNAL DIMENSIONS/STANDARD QUANTITY
APPLICATIONS
AVAILABLE INDUCTANCE RANGE
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Small and Low profile inductor.
It corresponds to High current.
Simple and original magnetic shield structure.
Durable structure against dropping impact.
For small DC/DC converter
(cellular Phone, HDD, DVC, DSC, PDA, LCD display etc).
SMD INDUCTORS SMALL AND LARGE CURRENT TYPE
Type
NRH
NRS
NRV
Coating resin specification
Packaging
T△
Tape & Reel
△=Blank Space
Nominal inductance
〔μH〕
example
2R2
2.2
100
10
101
100
※R=decimal point
Inductance tolerance
M
±20%
N
±30%
Internal code
○○○ Standard products
=Blank Space
External dimensions
(W×L×H)
example
2410
2.4×2.4×1.0mm
3010
3.0×3.0×1.0mm
3012
3.0×3.0×1.2mm
5012
5.0×5.0×1.2mm
5014
5.0×5.0×1.4mm
5020
5.0×5.0×2.0mm
6010
6.0×6.0×1.0mm
REFLOW
N R H 2
4
1
0
T △ 1
0
0 M ○ ○ ○
Type
L
W
H
e
f
Standard
Quantity [pcs]
Tape & Reel
NRH2410
2.4±0.1
(0.095±0.004)
2.4±0.1
(0.095±0.004)
1.0 max
(0.039 max)
0.6±0.2
(0.024±0.008)
1.45±0.2
(0.057±0.008)
2500
NRH3010
3.0±0.1
(0.118±0.004)
3.0±0.1
(0.118±0.004)
1.0 max
0.9±0.2
(0.035±0.008)
1.9±0.2
(0.075±0.008)
2000
(0.039 max)
NRH3012
NRV3012
1.2 max
2000
(0.047 max)
Unit:mm(inch)
Type
L
W
H
e
Δe
f
Δℓ
Standard
Quantity [pcs]
Tape & Reel
NRS5012
4.9±0.2
(0.193±0.008)
4.9±0.2
(0.193±0.008)
1.2 max
(0.047 max)
1.2±0.2
(0.047±0.008)
0.3±0.2
(0.011±0.008)
3.3±0.2
(0.130±0.008)
1.3±0.3
(0.051±0.011)
1000
NRS5014
1.4 max
(0.055 max)
1000
NRS5020
2.0 max
(0.079 max)
800
NRS6010
6.0±0.2
(0.236±0.008)
6.0±0.2
(0.236±0.008)
1.0 max
(0.039 max)
1.35±0.2
(0.053±0.008)
0.3±0.2
(0.011±0.008)
4.0±0.2
(0.157±0.008)
2.3±0.3
(0.091±0.011)
1000
Unit:mm(inch)
L
W
e
e
f
H
L
W
f
Δe
e
Δe
e
H
Δℓ
0.7
2.0
1.45
0.7
【NRH2410】
0.8
2.7
2.2
0.8
【NR3010, NRH3012, NRV3012】
3.6
1.5
4.0
1.5
【NRS5012, NRS5014, NRS5020】
1.6
1.6
5.7
【NRS6010】
4.7
Recommended Land Patterns
Range Type
NRH2410
NRH3010
NRH3012
NRV3012
NRS5012
NRS5014
NRS5020
NRS6010
1.0
Imax
[mA]
Rdc±20%
[Ω]
Imax
[mA]
Rdc±20%
[Ω]
Imax
[mA]
Rdc±20%
[Ω]
Imax
[mA]
Rdc±20%
[Ω]
Imax
[mA]
Rdc±20%
[Ω]
Imax
[mA]
Rdc±20%
[Ω]
Imax
[mA]
Rdc±20%
[Ω]
Imax
[mA]
Rdc±20%
[Ω]
2.2
1410
0.070 1480
0.065 1710
0.048
2300
0.053
3600
0.021
4.7
450
0.690 600
0.350 720
0.270
1100
0.120
850
0.420
2800
0.045
1900
0.090
10
1800
0.100 1300
0.120 1000
0.270
22
300
1.47 380
0.770
500
0.630
900
0.260
100


Similar Part No. - NRS5020T220M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
811Kb / 22P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
811Kb / 22P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
635Kb / 23P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
295Kb / 3P
   SMD Power Inductors (NR series S type)
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
372Kb / 3P
   Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
More results

Similar Description - NRS5020T220M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPLCH0740L1R0 KEMET-MPLCH0740L1R0 Datasheet
398Kb / 5P
   Large-Current Power Inductors MPLCH
logo
Panasonic Semiconductor
ELL6SH1R0M PANASONIC-ELL6SH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type Large current capability RoHS compliant
logo
Murata Manufacturing Co...
NFM21PC474R1C3D MURATA-NFM21PC474R1C3D Datasheet
50Kb / 2P
   Single Circuit Type for Large Current
LQH55DN4R7M03L MURATA-LQH55DN4R7M03L Datasheet
50Kb / 2P
   Chip Coils for Choke Large Current Type
NFM31PC276B0J3L MURATA-NFM31PC276B0J3L Datasheet
54Kb / 1P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
5141 MURATA-5141 Datasheet
49Kb / 2P
   Chip Coils for Choke Large Current Type
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com