Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABM8G-26.000MHZ-RESR-D Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM8G-26.000MHZ-RESR-D
Description  ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM8G-26.000MHZ-RESR-D Datasheet(HTML) 1 Page - Abracon Corporation

  ABM8G-26.000MHZ-RESR-D Datasheet HTML 1Page - Abracon Corporation ABM8G-26.000MHZ-RESR-D Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
ABM8G
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Operation Mode
Operating Temperature
Storage Temperature
Frequency Tolerance at +25°C
Frequency Stability over the
Operating Temp. (Ref. to +25°C)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging (first year) at 25°C ± 3°C
Insulation Resistance
PARAMETERS
Frequency Range
ABRACON P/N
ABM8G Series
Fundamental
-10°C to + 60°C (see options)
± 50ppm max. (see options)
± 50ppm max. (see options)
5.0pF max
10pF (see options)
±3ppm max.
500 M min. at 100 Vdc ±15V
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
• Automotive applications
• High density applications.
• Modems, communication and test equipment.
• PMCIA, Wireless applications
• Low in height; suitable for thin equipment.
• Glass sealed package assures high reliability
and high temperature operation
• Tight tolerance and stability available.
• IR reflow capable
• Low cost version of ABM8 crystal
OPTIONS & PART IDENTIFICATION:
100µW max., 10µW Typical
Revised: 12.22.09
Visit www.abracon.com for Terms & Conditions of Sale
(Left blank if standard)
ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
12.000MHz - 50.000MHz
-55°C to +125°C
See table 1
TABLE 1- Standard ESR
Pb in glass
(exempt per RoHS 2002/95/EC Annex (5))
80
ESR( )
max
120
28.001 - 50.00
20.001 - 28.00
Frequency (MHz)
12.000
12.001 - 20.000
60
50
3.2 x 2.5 x 1.0mm
ABM8G -
MHz - - R
- - - -
Packaging
Blank: Bulk
T: Tape & Reel (1kpcs)
T3: Tape & Reel (3kpcs)
Frequency in MHz
e.g. 24.576MHz
14.31818MHz
26.000MHz
ESR
Specify a value in Ω
Load Capacitance
Please specify CL in pF or
S for Series (Minimum 7pF)
Please contact ABRACON for
values under 10pF
Operating Temp.
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Freq. Stability
U: ± 10 ppm (*)
G: ± 15 ppm (**)
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Q: ± 100 ppm
(*) ?10°C to +60°C only. Contact ABRACONfor tighter freq. stability.
(**) ?10°C to +60°CoptionE,B,C,N only.


Similar Part No. - ABM8G-26.000MHZ-RESR-D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ABM8G-26.000MHZ-18-D2 MICROCHIP-ABM8G-26.000MHZ-18-D2 Datasheet
1Mb / 50P
   Wireless Security Remote Control Development Kit User?셲 Guide
2012
More results

Similar Description - ABM8G-26.000MHZ-RESR-D

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8G-106-12.000MHZ-T ABRACON-ABM8G-106-12.000MHZ-T Datasheet
621Kb / 3P
   ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
ABM8G ABRACON-ABM8G_11 Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
04.20.11
ABM8G ABRACON-ABM8G_15 Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
08.13.15
ABM8G-25.000MHZ-18-D2Y-T ABRACON-ABM8G-25.000MHZ-18-D2Y-T Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
04.20.11
logo
List of Unclassifed Man...
ABM8G-48000MHZ-18-D2Y-T ETC-ABM8G-48000MHZ-18-D2Y-T Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
logo
Abracon Corporation
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com