Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2560 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2560
Description  Infrared Remote Control Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2560 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2560 Datasheet HTML 3Page - Princeton Technology Corp PT2560 Datasheet HTML 4Page - Princeton Technology Corp PT2560 Datasheet HTML 5Page - Princeton Technology Corp PT2560 Datasheet HTML 6Page - Princeton Technology Corp PT2560 Datasheet HTML 7Page - Princeton Technology Corp PT2560 Datasheet HTML 8Page - Princeton Technology Corp PT2560 Datasheet HTML 9Page - Princeton Technology Corp PT2560 Datasheet HTML 10Page - Princeton Technology Corp PT2560 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2560
PT2560 v 2.0
Page 7
Written July 1998
Application Circuit 3
(Extended Codes)
Note: Please take note that if you are replacing M50560 with PT2560, you do not need to connect an
external capacitor to PT2560's Pin No. 3 (SEL PIN). PT2560 SEL Pin must either be “floating” or
connected to VDD.
VDD
DOUT KO 0
K O 1
K O 2
K O 3
K O 4
K O 5
K O 6
K O 7
V S S
T E S T
S E L
O S C 1
O S C 2
C S
K I 0
K I 1
K I 2
K I3
P T 25 60 -0 0 1
Bit ‘ 1 “
KO 0
CS
Ex a m p le s :
KO 0
KI0
Bit ‘ 0 “
(N o Co n n e c tio n )
Or
E x te nde d K ey s
C u sto m C o d e S e ttin g
S ta nda rd K e ys
VD D
Flo a ti n g
IR
+
+
-
3V
47uF
45 5
KH z
2 O h m s
1K O h m s
10 0 p F
1 0 0 pF
1
59
10
12
12
14
15
16
18
19
20
22
23
24
26
27
28
30
31
32
13
17
21
25
29
6
7
8
2
3
4
36
35
34
33
37
38
39
40
44
43
42
41


Similar Part No. - PT2560

ManufacturerPart #DatasheetDescription
logo
API Delevan
PT25-1000 API-PT25-1000 Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
PT25-1000 API-PT25-1000 Datasheet
1Mb / 4P
   Power Toroids - Horizontal or Vertical Mount
PT25-680 API-PT25-680 Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
PT25-680 API-PT25-680 Datasheet
1Mb / 4P
   Power Toroids - Horizontal or Vertical Mount
PT25-680-VM API-PT25-680-VM Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
More results

Similar Description - PT2560

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com