Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3207C Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADP3207C
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207C Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADP3207C Datasheet HTML 5Page - ON Semiconductor ADP3207C Datasheet HTML 6Page - ON Semiconductor ADP3207C Datasheet HTML 7Page - ON Semiconductor ADP3207C Datasheet HTML 8Page - ON Semiconductor ADP3207C Datasheet HTML 9Page - ON Semiconductor ADP3207C Datasheet HTML 10Page - ON Semiconductor ADP3207C Datasheet HTML 11Page - ON Semiconductor ADP3207C Datasheet HTML 12Page - ON Semiconductor ADP3207C Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADP3207C
http://onsemi.com
9
TEST CIRCUITS
ADP3207C
SW1
PWM3
PWM2
PWM1
VRTT
TTSN
SW3
SW2
PWRGD
IMON
FBRTN
FB
COMP
NC
RPM
EN
DPRSLP
1
Figure 3. Closed−Loop Output Voltage Accuracy
Figure 4. Current Sense Amplifier VOS
Figure 5. Positioning Accuracy
1 kW
1 kW
1 mF
5.0 V
DCM
100 nF
OD
CLKEN
3.3 V
31
7
6
16
17
20
5.0 V
1.0 V
+
+
+
+
VID DAC
VCC
COMP
FB
LLINE
CSREF
GND
10 kW
DV
DVFB + FBDV + DELATV * FBDV+0mV
31
19
18
17
20
VCC
CSCOMP
CSSUM
CSREF
GND
+
1.0 V
1 kW
39 kW
5.0 V
10 nF
ADP3207C
ADP3207C
VOS +
CSCOMP * 1.0 V
40 V


Similar Part No. - ADP3207C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207AJCPZ-RL ONSEMI-ADP3207AJCPZ-RL Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207D ONSEMI-ADP3207D Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
More results

Similar Description - ADP3207C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com