Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T97R227M020HZB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T97R227M020HZB
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97R227M020HZB Datasheet(HTML) 4 Page - Vishay Siliconix

  T97R227M020HZB Datasheet HTML 1Page - Vishay Siliconix T97R227M020HZB Datasheet HTML 2Page - Vishay Siliconix T97R227M020HZB Datasheet HTML 3Page - Vishay Siliconix T97R227M020HZB Datasheet HTML 4Page - Vishay Siliconix T97R227M020HZB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T97
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40092
4
Revision: 21-Jun-10
TYPICAL CURVES
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
0.01
0.1
1
FREQUENCY
1500 µF - 4 V 'R' CASE SIZE ESR and Z vs. FREQUENCY
ESR
Z
0.01
0.1
1
FREQUENCY
ESR
Z
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
330 µF - 10 V 'E' CASE SIZE ESR and Z vs. FREQUENCY
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
FREQUENCY
ESR
Z
0.01
0.1
1
10
330 µF - 6.3 V 'V' CASE SIZE ESR and Z vs. FREQUENCY
0.01
0.1
1
FREQUENCY
ESR
Z
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
1000 µF - 6.3 V 'R' CASE SIZE ESR and Z vs. FREQUENCY
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
FREQUENCY
ESR
Z
0.01
0.1
1
10
330 µF - 6.3 V 'V' CASE SIZE ESR and Z vs. FREQUENCY
0.01
0.1
1
FREQUENCY
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
10
ESR
Z
470 µF - 4 V 'V' CASE SIZE ESR and Z vs. FREQUENCY


Similar Part No. - T97R227M020HZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97R227M020HZA VISHAY-T97R227M020HZA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
More results

Similar Description - T97R227M020HZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com