Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP338668144 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP338668144
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP338668144 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP338668144 Datasheet HTML 1Page - Vishay Siliconix MKP338668144 Datasheet HTML 2Page - Vishay Siliconix MKP338668144 Datasheet HTML 3Page - Vishay Siliconix MKP338668144 Datasheet HTML 4Page - Vishay Siliconix MKP338668144 Datasheet HTML 5Page - Vishay Siliconix MKP338668144 Datasheet HTML 6Page - Vishay Siliconix MKP338668144 Datasheet HTML 7Page - Vishay Siliconix MKP338668144 Datasheet HTML 8Page - Vishay Siliconix MKP338668144 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Document Number: 28114
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 01-Jul-10
365
MKP 338 6 Y2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
Note
(1) For detailed tape specification refer to “Packaging Information” www.vishay.com/doc?28139 or end of catalog
SPECIFIC REFERENCE DATA
Example:
104 = 10 x 10 = 100 nF
(except special numbers)
BFC2
338
6X
XX X
2222 (*)
338
6X
XX X
(*) old ordering code
TYPE
PACKAGING
STANDARD DIMENSIONS
C-TOL
PREFERRED TYPES
338 6
Y2
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm (pitch 7.5 mm and 10 mm)
Lead length 3.5 mm ± 0.3 mm (pitch > 10 mm)
± 20 %
BFC2 338 60
Lead length 5.0 mm ± 1.0 mm
BFC2 338 62
Lead length 25.0 mm ± 2.0 mm
BFC2 338 64
Taped ammo
Pitch
= 7.5 mm
H = 18.5 mm; P0
= 12.7 mm
BFC2 338 66
ALTERNATIVE PITCH SIZES
ON REQUEST
338 6
Y2
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm (pitch 7.5 mm and 10 mm)
Lead length 3.5 mm ± 0.3 mm (pitch > 10 mm)
± 20 %
See tables for details
Lead length 5.0 mm ± 1.0 mm
Lead length 25.0 mm ± 2.0 mm
ALTERNATIVE TAPED VERSION
ON REQUEST
338 6
Y2
Taped reel (1)
Pitch = 7.5 mm and 10.0 mm
H = 18.5 mm; for P0
= 12.7 mm; reel diameter = 500 mm
± 20 %
See tables for details
Pitch bent back to 7.5 mm
H = 16.0 mm; P0 = 15.0 mm; reel diameter = 500 mm
ALTERNATIVE C-TOL
ON REQUEST
338 6
Y2
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm (pitch 7.5 mm and 10 mm)
± 10 %
See tables for details
Lead length 3.5 mm ± 0.3 mm (pitch > 10 mm)
± 5 %
Lead length 5.0 mm ± 1.0 mm
± 10 %
± 5 %
Lead length 25.0 mm ± 2.0 mm
± 10 %
± 5 %
Taped ammo
(1)
Pitch=7.5mm
H = 18.5 mm; for P0 =12.7mm
± 10 %
± 5 %
Taped reel (1)
Pitch bent back to 7.5 mm
H = 16.0 mm; P0 = 15.0 mm; reel diameter = 500 mm
± 10 %
± 5 %
Pitch = 7.5 mm and 10.0 mm
H = 18.5 mm; P0 = 12.7 mm; reel diameter = 500 mm
± 10 %
± 5 %
TYPE AND PITCHES
338 6
Y2
7.5 mm
7.5 mm (bent back)
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER (nF)
0.1
2
13
10
4
100
5
CAPACITANCE
(numerically)
DESCRIPTION
VALUE
Rated AC voltage (URAC)
300 V
Permissible DC voltage (URDC)
1000 V
Tangent of loss angle
at 1 kHz
at 10 kHz
C
≤ 470 nF
≤ 10 x 10-4
≤ 20 x 10-4
Rated voltage pulse slope (dU/dt)R at 420 VDC
100 V/µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 min
> 15 000 M
Ω
RC between leads, for C > 0.33 µF at 100 V; 1 min
> 5000 s
R between leads and case; 100 V; 1 min
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA); max. rise time 1000 V/s
3400 V; 1 min
Withstanding (AC) voltage between leads and case
2100 V; 1 min
Maximum application temperature
105 °C


Similar Part No. - MKP338668144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
MKP3386Y2 VISHAY-MKP3386Y2 Datasheet
180Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Oct-08
More results

Similar Description - MKP338668144

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com