Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51MM256VLK Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF51MM256VLK
Description  low-cost, low-power, high-performance ColdFire짰 V1 family of 32-bit microcontrollers (MCUs) designed for handheld metering devices.
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51MM256VLK Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF51MM256VLK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51MM256VLK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51MM256VLK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51MM256VLK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51MM256VLK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51MM256VLK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51MM256VLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51MM256VLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51MM256VLK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Features
Freescale Semiconductor
4
1Features
The following table provides a cross-comparison of the features of the MCF51MM256/128 according to
package.
Table 1. MCF51MM256/128 Features by MCU and Package
Feature
MCF51MM256
MCF51MM128
FLASH Size (bytes)
262144
131072
RAM Size (bytes)
32K
32K
Pin Quantity
104
100
81
80
81
80
Programmable Analog Comparator (PRACMP)
yes
yes
yes
yes
yes
yes
Debug Module (DBG)
yes
yes
yes
yes
yes
yes
Multipurpose Clock Generator (MCG)
yes
yes
yes
yes
yes
yes
Inter-Integrated Communication (IIC)
yes
yes
yes
yes
yes
yes
Interrupt Request Pin (IRQ)
yes
yes
yes
yes
yes
yes
Keyboard Interrupt (KBI)
16
16
16
16
16
16
Digital General Purpose I/O1
1
Port I/O count does not include BLMS, BKGD and IRQ. BLMS and BKGD are Output only, IRQ is input only.
69
65
48
47
48
47
Dedicated Analog Input Pins
14
14
14
14
14
14
Power and Ground Pins
8
8
8
8
8
8
Time Of Day (TOD)
yes
yes
yes
yes
yes
yes
Serial Communications (SCI1)
yes
yes
yes
yes
yes
yes
Serial Communications (SCI2)
yes
yes
yes
yes
yes
yes
Serial Peripheral Interface (SPI1(FIFO))
yes
yes
yes
yes
yes
yes
Serial Peripheral Interface(SPI2)
yes
yes
yes
yes
yes
yes
Carrier Modulator Timer Pin (IRO)
yes
yes
yes
yes
yes
yes
TPM Input Clock Pin (TPMCLK)
yes
yes
yes
yes
yes
yes
TPM1 Channels
4
4
4
4
4
4
TPM2 Channels
4
4
4
4
4
4
XOSC1
yes
yes
yes
yes
yes
yes
XOSC2
yes
yes
yes
yes
yes
yes
USB On-the-Go
yes
yes
yes
yes
yes
yes
Mini-FlexBus
yes
yes
DATA
DATA
DATA
DATA
Rapid GPIO
16
16
9
9
9
9
MEASUREMENT ENGINE
Programmable Delay Block (PDB)
yes
yes
yes
yes
yes
yes
16-Bit SAR ADC Differential Channels2
2
Each differential channel is comprised of 2 pin inputs.
44
4
4
4
4
16-Bit SAR ADC Single-Ended Channels
8
8
8
8
8
8
DAC Ouput Pin (DACO)
yes
yes
yes
yes
yes
yes
Voltage Reference Output Pin (VREFO)
yes
yes
yes
yes
yes
yes
General Purpose Operational Amplifier (OPAMP)
yes
yes
yes
yes
yes
yes
Trans-Impedance Amplifier (TRIAMP)
yes
yes
yes
yes
yes
yes
Non-Disclosure Agreement Required
Preliminary — Subject to Change


Similar Part No. - MCF51MM256VLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51AC128A FREESCALE-MCF51AC128A Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC128A FREESCALE-MCF51AC128A Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACFUE FREESCALE-MCF51AC128ACFUE Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACLKE FREESCALE-MCF51AC128ACLKE Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACPUE FREESCALE-MCF51AC128ACPUE Datasheet
1Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF51MM256VLK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9BF504RPMC FUJITSU-MB9BF504RPMC Datasheet
784Kb / 4P
   Family of 32-bit MCUs
logo
NXP Semiconductors
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
   The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05JB3 NXP-68HC05JB3 Datasheet
1Mb / 134P
   The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
68HC708KL8 NXP-68HC708KL8 Datasheet
3Mb / 246P
   The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 2.1
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
   The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
logo
Freescale Semiconductor...
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
   a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
WP4312RJ SIEMENS-WP4312RJ Datasheet
140Kb / 2P
   Siemens Low Voltages Multi-Family Metering Line of PAK Metering
3/13/2023
logo
ATMEL Corporation
ATUC256L3U ATMEL-ATUC256L3U_14 Datasheet
441Kb / 45P
   High-performance, Low-power 32-bit Atmel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com