Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC237012274 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC237012274
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237012274 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC237012274 Datasheet HTML 1Page - Vishay Siliconix BFC237012274 Datasheet HTML 2Page - Vishay Siliconix BFC237012274 Datasheet HTML 3Page - Vishay Siliconix BFC237012274 Datasheet HTML 4Page - Vishay Siliconix BFC237012274 Datasheet HTML 5Page - Vishay Siliconix BFC237012274 Datasheet HTML 6Page - Vishay Siliconix BFC237012274 Datasheet HTML 7Page - Vishay Siliconix BFC237012274 Datasheet HTML 8Page - Vishay Siliconix BFC237012274 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MKT 370
Vishay BCcomponents
DC Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28108
78
Revision: 04-Aug-09
COMPOSITION OF CATALOG NUMBER
Note
(1) For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 or end of catalog
SPECIFIC REFERENCE DATA (STANDARD SIZE)
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.1 µF
≤ 75 x 10-4
≤ 130 x 10-4
≤ 220 x 10-4
0.1 µF < C
≤ 0.47 µF
≤ 75 x 10-4
≤ 130 x 10-4
≤ 300 x 10-4
0.47 µF < C
≤ 1.5 µF
≤ 75 x 10-4
≤ 130 x 10-4
-
Rated voltage pulse slope (dU/dt)R at
63 Vdc
100 Vdc
250 Vdc
400 Vdc
60 V/µs
110 V/µs
330 V/µs
630 V/µs
R between leads, for C
≤ 0.33 µF
at 10 V; 1 min
> 15 000 M
Ω
at 100 V; 1 min
> 15 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
RC between leads
0.33 µF < C
≤ 1.0 µF at 10 V; 1 min
> 5000 s
C > 1.0 µF at 10 V; 1 min
> 1000 s
C > 0.33 µF at 100 V; 1 min
> 5000 s
R between interconnecting leads and case (foil method)
> 30 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA);
100 V; 1 min
160 V; 1 min
400 V; 1 min
640 V; 1 min
Withstanding (DC) voltage between leads and case
200 V; 1 min
200 V; 1 min
500 V; 1 min
800 V; 1 min
Maximum application temperature
100 °C
105 °C
BFC2
370
XX
YY
Y
2222 (*)
370
XX
YY
Y
TYPE AND PITCHES
370
5.08 mm
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL.
63 V
100 V
250 V
400 V
370
(standard size)
Loose in box
Lead length
4.0 mm + 1.0 mm/- 0.5 mm
± 10 %
11214151
± 5 %
12224252
Lead length 26.0 mm ± 2.0 mm
± 10 %
15254555
± 5 %
16264656
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm;
Reel diameter = 356 mm
± 10 %
18284858
± 5 %
19294959
Ammopack (1)
H = 18.5 mm; P0 = 12.7 mm
± 10 %
75853565
± 5 %
76863666
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL.
100 V
250 V
400 V
630 V
370
(compact size)
Loose in box
Lead length
4.0 mm + 1.0 mm/- 0.5 mm
± 10 %
CEEE
FEGE
± 5 %
CFEF
FFGF
Lead length 26.0 mm ± 2.0 mm
± 10 %
CHEH
FHGH
± 5 %
CIEI
FIGI
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm;
Reel diameter = 356 mm
± 10 %
CL
EL
FL
GL
± 5 %
CMEM
FMGM
Ammopack (1)
H = 18.5 mm; P0 = 12.7 mm
± 10 %
CBEB
FBGB
± 5 %
CCEC
FCGC
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
(*) Old ordering number


Similar Part No. - BFC237012274

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
More results

Similar Description - BFC237012274

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237353104 VISHAY-BFC237353104 Datasheet
187Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com