Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1032ARMZ-001 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADM1032ARMZ-001
Description  짹1??Remote and Local System Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARMZ-001 Datasheet(HTML) 4 Page - ON Semiconductor

  ADM1032ARMZ-001 Datasheet HTML 1Page - ON Semiconductor ADM1032ARMZ-001 Datasheet HTML 2Page - ON Semiconductor ADM1032ARMZ-001 Datasheet HTML 3Page - ON Semiconductor ADM1032ARMZ-001 Datasheet HTML 4Page - ON Semiconductor ADM1032ARMZ-001 Datasheet HTML 5Page - ON Semiconductor ADM1032ARMZ-001 Datasheet HTML 6Page - ON Semiconductor ADM1032ARMZ-001 Datasheet HTML 7Page - ON Semiconductor ADM1032ARMZ-001 Datasheet HTML 8Page - ON Semiconductor ADM1032ARMZ-001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADM1032
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
Parameter
Unit
Max
Typ
Min
Conditions
Serial Bus Timing (Note 2)
SDATA Output Low Sink Current
SDATA forced to 0.6 V
6.0
mA
ALERT Output Low Sink Current
ALERT forced to 0.4 V
1.0
mA
Logic Input Current, IIH, IIL
−1.0
+1.0
mA
Input Capacitance, SCLK, SDATA
5.0
pF
Clock Frequency
400
kHz
SMBus Timeout (Note 3)
25
64
ms
SCLK Clock Low Time, tLOW
tLOW between 10% points
1.3
ms
SCLK Clock High Time, tHIGH
tHIGH between 90% points
0.6
ms
Start Condition Setup Time, tSU:STA
600
ns
Start Condition Hold Time, tHD:STA
Time from 10% of SDATA to 90% of SCLK
600
ns
Stop Condition Setup Time, tSU:STO
Time from 90% of SCLK to 10% of SDATA
600
ns
Data Valid to SCLK Rising Edge Time,
tSU:DAT
Time for 10% or 90% of SDATA to 10% of SCLK
100
ns
Data Hold Time, tHD:DAT
300
ns
Bus Free Time, tBUF
Between start/stop condition
1.3
ms
SCLK, SDATA Rise Time, tR
300
ns
SCLK, SDATA Fall Time, tF
300
ns
1. See Table 6 for information on other conversion rates.
2. Guaranteed by design, not production tested.
3. The SMBus timeout is a programmable feature. By default, it is not enabled. Details on how to enable it are available in the Serial Bus
Interface section.
Figure 2. Diagram for Serial Bus Timing
P
S
tSU:DAT
tHIGH
tF
tHD:DAT
tR
tLOW
tSU:STO
PS
SCLK
SDATA
tHD:STA
tHD:STA
tSU:STA
tBUF


Similar Part No. - ADM1032ARMZ-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1RL ONSEMI-ADM1032ARMZ-1RL Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARMZ-1RL ONSEMI-ADM1032ARMZ-1RL Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-2R ONSEMI-ADM1032ARMZ-2R Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARMZ-2R ONSEMI-ADM1032ARMZ-2R Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
More results

Similar Description - ADM1032ARMZ-001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com