Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805YL104M4U2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 0805YL104M4U2A
Description  X8R/X8L Dielectric
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805YL104M4U2A Datasheet(HTML) 1 Page - AVX Corporation

  0805YL104M4U2A Datasheet HTML 1Page - AVX Corporation 0805YL104M4U2A Datasheet HTML 2Page - AVX Corporation 0805YL104M4U2A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0805
Size
0603
0805
1206
5
Voltage
16V = Y
25V = 3
50V = 5
100V = 1
F
Dielectric
X8R = F
X8L = L
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
e.g. 10μF = 106
K
Capacitance
Tolerance
J = ± 5%
K = ±10%
M = ± 20%
4
Failure
Rate
4 = Automotive
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
Z = FLEXITERM®
U = Conductive
Epoxy for
Hybrid apps
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
X8R/X8L Dielectric
General Specifications
AVX has developed a range of multilayer ceramic capacitors designed for use in applications up to 150ºC.
These capacitors are manufactured with an X8R and an X8L dielectric material. X8R material has
capacitance variation of ±15% between -55ºC and +150ºC. The X8L material has capacitance variation of
±15% between -55ºC to 125ºC and +15/-40% from +125ºC to +150ºC.
The need for X8R and X8L performance has been driven by customer requirements for parts that operate
at elevated temperatures. They provide a highly reliable capacitor with low loss and stable capacitance
over temperature.
They are ideal for automotive under the hood sensors, and various industrial applications. Typical industrial
application would be drilling monitoring system. They can also be used as bulk capacitors for high
temperature camera modules.
Both X8R and X8L dielectric capacitors are automotive AEC-Q200 qualified. Optional termination systems, tin,
FLEXITERM® and conductive epoxy for hybrid applications are available. Providing this series with our
FLEXITERM® termination system provides further advantage to customers by way of enhanced resistance to
both, temperature cycling and mechanical damage.
PART NUMBER (see page 2 for complete part number explanation)
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
14
SIZE
0603
0805
1206
WVDC
25V
50V
25V
50V
25V
50V
331
Cap
330
G
G
J
J
471
(pF)
470
G
G
J
J
681
680
G
G
J
J
102
1000
G
G
J
J
J
J
152
1500
G
G
J
J
J
J
222
2200
G
G
J
J
J
J
332
3300
G
G
J
J
J
J
472
4700
G
G
J
J
J
J
682
6800
G
G
J
J
J
J
103
Cap
0.01
G
G
J
J
J
J
153
(μF)
0.015
G
G
J
J
J
J
223
0.022
G
G
J
J
J
J
333
0.033
G
G
J
J
J
J
473
0.047
G
G
J
J
J
J
683
0.068
G
N
N
M
M
104
0.1
N
N
M
M
154
0.15
N
N
M
M
224
0.22
N
M
M
334
0.33
M
M
474
0.47
M
684
0.68
105
1
WVDC
25V
50V
25V
50V
25V
50V
SIZE
0603
0805
1206
SIZE
0603
0805
1206
WVDC
25V
50V
100V
25V
50V
100V
16V
25V
50V
100V
331
Cap
330
G
G
J
J
471
(pF)
470
G
G
J
J
681
680
G
G
J
J
102
1000
G
G
J
J
152
1500
G
G
J
J
J
J
222
2200
G
G
J
J
J
J
332
3300
G
G
J
J
J
J
472
4700
G
G
J
J
J
J
682
6800
G
G
J
J
J
J
103
Cap
0.01
G
G
J
J
J
J
153
(μF)
0.015
G
G
J
J
J
J
J
223
0.022
G
G
J
J
J
J
J
333
0.033
G
G
J
J
N
J
J
473
0.047
G
G
J
J
N
J
J
683
0.068
G
G
J
J
J
J
104
0.1
G
G
J
J
J
M
154
0.15
J
N
J
J
J
Q
224
0.22
N
N
J
J
J
Q
334
0.33
N
J
M
P
Q
474
0.47
N
M
M
P
684
0.68
M
105
1
M
WVDC
25V
50V
100V
25V
50V
100V
16V
25V
50V
100V
SIZE
0603
0805
1206
= AEC-Q200
Qualified
X8R
X8L


Similar Part No. - 0805YL104M4U2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805Y101BA72A AVX-0805Y101BA72A Datasheet
134Kb / 4P
   General Specifications
0805Y101BA74A AVX-0805Y101BA74A Datasheet
134Kb / 4P
   General Specifications
0805Y101BAT2A AVX-0805Y101BAT2A Datasheet
134Kb / 4P
   General Specifications
0805Y101BAT4A AVX-0805Y101BAT4A Datasheet
134Kb / 4P
   General Specifications
logo
Vishay Siliconix
0805Y101BXJCW1BC VISHAY-0805Y101BXJCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0805YL104M4U2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035F473KAZ2A AVX-06035F473KAZ2A Datasheet
183Kb / 2P
   X8R Dielectric General Specifications
logo
Kemet Corporation
C1210C106J8NAC KEMET-C1210C106J8NAC Datasheet
461Kb / 4P
   Surface Mount Ceramic Chip Capacitors X8L Dielectric
C1210C184K3HAC KEMET-C1210C184K3HAC Datasheet
337Kb / 4P
   Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C430C225K3N5TA9170 KEMET-C430C225K3N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 2.2 uF, 10%, 25 V, X8L, AxiMax, Automotive Grade
C1210C225K3N1CAUTO KEMET-C1210C225K3N1CAUTO Datasheet
75Kb / 1P
   KPS SMD Auto X8L HT150C, Ceramic, Commercial Grade, 2.2 uF, 10%, 25 V, 1210-1, X8L
C1210C475M3N2CAUTO KEMET-C1210C475M3N2CAUTO Datasheet
77Kb / 1P
   KPS SMD Auto X8L HT150C, Ceramic, Commercial Grade, 4.7 uF, 20%, 25 V, 1210-2, X8L
C410C104K5N5TA9170 KEMET-C410C104K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.1 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C410C154K5N5TA9170 KEMET-C410C154K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.15 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C430C474K5N5TA9170 KEMET-C430C474K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.47 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com