Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC237019224 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # BFC237019224
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237019224 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button BFC237019224 Datasheet HTML 6Page - Vishay Siliconix BFC237019224 Datasheet HTML 7Page - Vishay Siliconix BFC237019224 Datasheet HTML 8Page - Vishay Siliconix BFC237019224 Datasheet HTML 9Page - Vishay Siliconix BFC237019224 Datasheet HTML 10Page - Vishay Siliconix BFC237019224 Datasheet HTML 11Page - Vishay Siliconix BFC237019224 Datasheet HTML 12Page - Vishay Siliconix BFC237019224 Datasheet HTML 13Page - Vishay Siliconix BFC237019224 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MKT 370
Vishay BCcomponents
DC Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28108
86
Revision: 04-Aug-09
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
330
nF
100
nF
47
nF
12
nF
22
nF
T
amb ≤ 85 °C, 100 Vdc
Standard size
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
330
nF
100
nF
47
nF
12
nF
22
nF
85 °C < T
amb ≤ 105 °C, 100 Vdc
Standard size
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
220
nF
100
nF
T
amb ≤ 85 °C, 100 Vdc
Compact size
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
220
nF
100
nF
Compact size
85 °C < T
amb ≤ 105 °C, 100 Vdc
10
2
10
1
10
0
10
3
f (Hz)
10
3
10
2
10
1
10
4
10
5
100
nF
22
nF
10
nF
4.7
nF
47
nF
T
amb ≤ 85 °C, 250 Vdc
Standard size
10
2
10
1
10
0
10
3
f (Hz)
10
3
10
2
10
1
10
4
10
5
85 °C < T
amb ≤ 105 °C, 250 Vdc
100
nF
22
nF
10
nF
4.7
nF
47
nF
Standard size


Similar Part No. - BFC237019224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
More results

Similar Description - BFC237019224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237353104 VISHAY-BFC237353104 Datasheet
187Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com