Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233824392 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BFC233824392
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233824392 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFC233824392 Datasheet HTML 2Page - Vishay Siliconix BFC233824392 Datasheet HTML 3Page - Vishay Siliconix BFC233824392 Datasheet HTML 4Page - Vishay Siliconix BFC233824392 Datasheet HTML 5Page - Vishay Siliconix BFC233824392 Datasheet HTML 6Page - Vishay Siliconix BFC233824392 Datasheet HTML 7Page - Vishay Siliconix BFC233824392 Datasheet HTML 8Page - Vishay Siliconix BFC233824392 Datasheet HTML 9Page - Vishay Siliconix BFC233824392 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Document Number: 28119
For technical questions, contact: rfi@vishay.com
www.vishay.com
Revision: 16-Jul-09
150
MKP 338 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Weight for short lead product only
Pitch: 10.0 mm; C-tol. = ± 20 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
21102
23102
1000
25102
1250
Not available
0.0012
21122
23122
25122
0.0015
21152
23152
25152
0.0018
21182
23182
25182
0.0022
21222
23222
25222
0.0027
21272
23272
25272
1000
0.0033
21332
23332
25332
0.0039
21392
23392
25392
0.0047
21472
23472
25472
0.0056
21562
23562
25562
0.0068
21682
23682
25682
0.0082
21822
23822
25822
0.01
21103
23103
25103
0.012
21123
23123
25123
0.015
21153
23153
25153
0.018
21183
23183
25183
0.022
21223
23223
25223
0.027
21273
23273
25273
0.033
21333
23333
25333
0.039
21393
23393
25393
0.047
21473
23473
25473
0.056
5.0 x 11.0 x 12.5
0.82
20563
22563
750
24563
750
27563
500
0.068
20683
22683
24683
27683
0.082
6.0 x 12.0 x 12.5
1.1
20823
22823
750
24823
750
27823
500
0.1
20104
22104
24104
27104
Pitch: 10.0 mm; C-tol. = ± 10 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
29194
29217
1000
29241
1250
Not available
0.0012
29195
29218
29242
0.0015
29196
29219
29243
0.0018
29197
29221
29244
0.0022
29198
29222
29245
0.0027
29199
29223
29246
1000
0.0033
29201
29224
29247
0.0039
29202
29225
29248
0.0047
29203
29226
29249
0.0056
29204
29227
29251


Similar Part No. - BFC233824392

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233824 VISHAY-BFC233824 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
   High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
Revision: 26-Jun-12
BFC233824222 VISHAY-BFC233824222 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233824223 VISHAY-BFC233824223 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233824224 VISHAY-BFC233824224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Similar Description - BFC233824392

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com