Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T97R227M020HSA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T97R227M020HSA
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97R227M020HSA Datasheet(HTML) 1 Page - Vishay Siliconix

  T97R227M020HSA Datasheet HTML 1Page - Vishay Siliconix T97R227M020HSA Datasheet HTML 2Page - Vishay Siliconix T97R227M020HSA Datasheet HTML 3Page - Vishay Siliconix T97R227M020HSA Datasheet HTML 4Page - Vishay Siliconix T97R227M020HSA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 21-Jun-10
1
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
T97
Vishay Sprague
FEATURES
• High reliability; Weibull failure rate grading
available
• Surge current testing per MIL-PRF-55365
options available
• Ultra-low ESR
• Tin/lead (SnPb) termination available
• Compliant to RoHS directive 2002/95/EC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Capacitance Range: 10 µF to 1500 µF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 WVDC to 75 WVDC
Note
(1) Available on select ratings. See ratings table on page 2.
Note
• The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
* Pb containing terminations are not RoHS compliant, exemptions may apply
ORDERING INFORMATION
T97
R
227
K
020
E
S
A
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING
AT + 85 °C
TERMINATION/
PACKAGING
(Available options are
series dependent)
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and
Case
Code
table.
This is expressed in
pF. The first two
digits are the
significant figures.
The third is the
number of zeros to
follow.
K = ± 10 %
M = ± 20 %
This is expressed in
volts. To complete the
three-digit block,
zeros precede the
voltage rating. A
decimal point is
indicated by an “R”
(6R3 = 6.3 V).
E = Sn/Pb solder/7"
(178 mm) reel
L = Sn/Pb solder/7"
(178 mm), 1/2 reel
C = 100 % tin/7"
(178 mm), reel
H = 100 % tin/7"
(178 mm), 1/2 reel
A = 1.0 %
Weibull
B = 0.1 %
Weibull (1)
S = 40 h
burn-in
Z = Non-
established
reliability
A = 10 cycles
at + 25 °C
B = 10 cycles
at - 55 °C/
+ 85 °C
S = 3 cycles
at 25 °C
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
E
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.157 ± 0.016
[4.0 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
F
0.299
[7.6]
0.238 ± 0.016
[6.0 ± 0.4]
0.187 ± 0.016
[4.7 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
R
0.299
[7.6]
0.238 + 0.016/- 0.024
[6.0 + 0.4/- 0.6]
0.142 ± 0.016
[3.6 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
V
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.079
[2.0] Max.
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
Z
0.299
[7.6]
0.238 ± 0.016
[6.0 ± 0.4]
0.238 ± 0.016
[6.0 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
D
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.137
[3.5] Max.
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
M
0.315
[8.0]
0.259 + 0.016/-0.024
[6.6 + 0.4/-0.6]
0.141 ± 0.016
[3.6 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.196 ± 0.025
[5.0 ± 0.6]
0.259
[6.6]
0.004
[0.1]
H
0.315
[8.0]
0.259 + 0.016/-0.024
[6.6 + 0.4/-0.6]
0.204 ± 0.016
[5.2 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.196 ± 0.025
[5.0 ± 0.6]
0.259
[6.6]
0.004
[0.1]
N
0.315
[8.0]
0.259 + 0.016/-0.024
[6.6 + 0.4/-0.6]
0.252 ± 0.016
[6.4 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.196 ± 0.025
[5.0 ± 0.6]
0.259
[6.6]
0.004
[0.1]
J
H
B
A
D
L
Tantalum wire
Nib identifies
Anode (+)
Terminal
W


Similar Part No. - T97R227M020HSA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97R227M020HSA VISHAY-T97R227M020HSA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
More results

Similar Description - T97R227M020HSA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com