Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT04 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74HCT04
Description  Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT04 Datasheet(HTML) 4 Page - ON Semiconductor

  74HCT04 Datasheet HTML 1Page - ON Semiconductor 74HCT04 Datasheet HTML 2Page - ON Semiconductor 74HCT04 Datasheet HTML 3Page - ON Semiconductor 74HCT04 Datasheet HTML 4Page - ON Semiconductor 74HCT04 Datasheet HTML 5Page - ON Semiconductor 74HCT04 Datasheet HTML 6Page - ON Semiconductor 74HCT04 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74HCT04
http://onsemi.com
4
AC CHARACTERISTICS (VCC = 5.0V ±10%, CL = 50pF, Input tr = tf = 6ns)
Guaranteed Limit
Symbol
Parameter
−55 to 25°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 2)
15
17
19
21
22
26
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
15
19
22
ns
Cin
Maximum Input Capacitance
10
10
10
pF
3. For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor
High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Inverter)*
Typical @ 25°C, VCC = 5.0 V
pF
22
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).
Figure 1. Switching Waveforms
GND
3.0V
OUTPUT Y
INPUT A
CL*
*Includes all probe and jig capacitance
TEST
POINT
90%
1.3V
10%
tTLH
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Test Circuit
Y
A
Figure 3. Expanded Logic Diagram
(1/6 of the Device Shown)
tTHL
2.7V
1.3V
0.3V
tPLH
tPHL
tf
tr


Similar Part No. - 74HCT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT04 PHILIPS-74HCT04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
System Logic Semiconduc...
74HCT04 SLS-74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
logo
NXP Semiconductors
74HCT04 PHILIPS-74HCT04 Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
logo
Diodes Incorporated
74HCT04 DIODES-74HCT04 Datasheet
285Kb / 8P
   HEX INVERTERS
logo
NXP Semiconductors
74HCT04 PHILIPS-74HCT04 Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
More results

Similar Description - 74HCT04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HCT14 ONSEMI-74HCT14 Datasheet
130Kb / 8P
   Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HCT08 ONSEMI-74HCT08 Datasheet
148Kb / 7P
   Quad 2-Input AND Gate With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
May, 2009 ??Rev. 2
MC74HC04A ONSEMI-MC74HC04A_06 Datasheet
136Kb / 9P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCU04A ONSEMI-MC74HCU04A_06 Datasheet
167Kb / 9P
   Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com