Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233824152 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC233824152
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233824152 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC233824152 Datasheet HTML 1Page - Vishay Siliconix BFC233824152 Datasheet HTML 2Page - Vishay Siliconix BFC233824152 Datasheet HTML 3Page - Vishay Siliconix BFC233824152 Datasheet HTML 4Page - Vishay Siliconix BFC233824152 Datasheet HTML 5Page - Vishay Siliconix BFC233824152 Datasheet HTML 6Page - Vishay Siliconix BFC233824152 Datasheet HTML 7Page - Vishay Siliconix BFC233824152 Datasheet HTML 8Page - Vishay Siliconix BFC233824152 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Document Number: 28119
For technical questions, contact: rfi@vishay.com
www.vishay.com
Revision: 16-Jul-09
146
MKP 338 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
TYPE
PACKAGING
STANDARD DIMENSIONS
C-TOL.
PREFERRED TYPES
338 2 X2
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 20 %
BFC2 338 20...
Lead length 5.0 mm ± 1.0 mm
BFC2 338 22...
Lead length 25.0 mm ± 2.0 mm
BFC2 338 24...
Taped (2)
Pitch 7.5 mm or bent back to 7.5 mm
BFC2 338 26...
PACKAGING
ALTERNATIVE LARGER PITCH SIZES
C-TOL.
ON REQUEST
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 20 %
See tables for details
Lead length 5.0 mm ± 1.0 mm
Lead length 25.0 mm ± 2.0 mm
PACKAGING
ALTERNATIVE TAPED VERSION (1)
ON REQUEST
Taped (2)
Ammopack: H = 18.5 mm; P0 = 12.7 mm
± 5 %
± 10 %
± 20 %
See tables for details
Reel: Pitch 7.5 mm (bent back) H = 16.0 mm; P0 = 15.0 mm
PACKAGING
ALTERNATIVE C-TOL
ON REQUEST
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 10 %
± 5 %
Lead length 5.0 mm ± 1.0 mm
Lead length 25.0 mm ± 2.0 mm
See tables for details
Taped (2)
Pitch 7.5 mm or bent back to 7.5 mm
H = 18.5 mm; P0 =12.7mm
Notes
(1) Taped on reel pitch = 27.5 mm is not available
(2) For detailed tape specifications refer to “Packaging Information” www.vishay.com/doc?28139 or end of catalog
(3) SPQ = Standard Packaging Quantity
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
CAPACITANCE
(numerically)
Example:
104 = 10 x 10 = 100 nF
TYPE AND PITCHES
338 2
X2
7.5 mm
7.5 mm (bent back)
10.0 mm
15.0 mm
22.5 mm
27.5 mm
BFC2
338
2X
XX
X
2222(*)
338
2X
XX
X
(*) Old ordering code
DESCRIPTION
VALUE
Rated AC voltage (URac)
310 V
Permisssible DC voltage (URdc)
630 V
Tangent of loss angle:
at 1 kHz
at 10 kHz
C
≤ 470 nF
≤ 10 x 10-4
≤ 20 x 10-4
470 nF < C
≤ 1µF
≤ 20 x 10-4
≤ 70 x 10-4
C>1 µF
≤ 30 x 10-4
-
Rated voltage pulse slope (dU/dt)R at 435 Vdc
Pitch = 7.5 mm
600 V/µs
Pitch = 10 mm
600 V/µs
Pitch = 15 mm and 7.5 mm (bent back)
400 V/µs
Pitch = 22.5 mm
150 V/µs
Pitch = 27.5 mm
100 V/µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 min
> 15 000 M
Ω
RC between leads, for C > 0.33 µF at 100 V; 1 min
> 5000 s
R between leads and case; 100 V; 1 min
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s:
C
≤ 1µF
2200 V; 1 min
C>1µF
1800 V; 1 min
Withstanding (AC) voltage between leads and case
2120 V; 1 min
Max. application temperature for 0.001 µF
≤ C ≤ 0.47 µF
110 °C (125 °C for less than 1000 h)
Max. application temperature for C > 0.47 µF
110 °C


Similar Part No. - BFC233824152

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
   High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
Revision: 26-Jun-12
More results

Similar Description - BFC233824152

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com