Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848732704Y5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP1848732704Y5
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848732704Y5 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP1848732704Y5 Datasheet HTML 1Page - Vishay Siliconix MKP1848732704Y5 Datasheet HTML 2Page - Vishay Siliconix MKP1848732704Y5 Datasheet HTML 3Page - Vishay Siliconix MKP1848732704Y5 Datasheet HTML 4Page - Vishay Siliconix MKP1848732704Y5 Datasheet HTML 5Page - Vishay Siliconix MKP1848732704Y5 Datasheet HTML 6Page - Vishay Siliconix MKP1848732704Y5 Datasheet HTML 7Page - Vishay Siliconix MKP1848732704Y5 Datasheet HTML 8Page - Vishay Siliconix MKP1848732704Y5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 02-Feb-09
281
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
MKP 1848 DC-Link
Vishay Roederstein
Dimensions in millimeters
Ø dt ± 10 % of standard diameter specified
APPLICATIONS
High performance DC filtering applications
REFERENCE STANDARDS
IEC 61071
IEC 60068
MARKING
C-value; tolerance; rated voltage; code for dielectric
material; code for manufacturing origin; manufacturer’s type
designation; manufacturer’s logo; year and week of
manufacture
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized dielectric capacitor
CONSTRUCTION
Mono construction
ENCAPSULATION
Plastic case, sealed with resin
Flame retardant
TERMINALS
Tinned wires
FEATURES
Lead (Pb)-free product
RoHS compliant product
RATED CAPACITANCE
1 µF to 400 µF
CAPACITANCE TOLERANCE
± 5 %
DC VOLTAGE RATING
INSULATION RESISTANCE
RC between leads, after 1 min > 10 000 s
For UNdc ≤ 500 V measuring voltage 100 V
For UNdc > 500 V measuring voltage 500 V
SELF INDUCTANCE (Ls)
< 1 nH per mm of lead spacing
TEST VOLTAGE BETWEEN TERMINALS
1.5 UNdc for 10 s
CLIMATIC TESTING CLASS
40/85/56
MAXIMUM APPLICATION TEMPERATURE
85 °C
MAXIMUM OPERATING TEMPERATURE (CASE)
105 °C
LIFETIME EXPECTANCY
Operation life time > 100 000 h
FIT: < 10 x 10-9/h (10 per 109 component h) at 0.5 x UNdc;
40 °C
DETAIL SPECIFICATION
For more detailed data and test requirements, contact:
dc-film@vishay.com
Ø dt
Ø dt
P1 ± 0.4 - PCM 27.5 mm
P1 ± 0.5 - PCM
≥ 37.5 mm
P1 ± 0.5
P2 ± 0.5
WI
6 - 1
6 - 2
h
h
I
Marking
W
85 °C
450 V
700 V
900 V
1100 V
1200 V
70 °C
500 V
800 V
1100 V
1350 V
1500 V
105 °C
300 V
500 V
650 V
800 V
850 V


Similar Part No. - MKP1848732704Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848732704Y5 VISHAY-MKP1848732704Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848732704Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848_11 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com