Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4863-2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TDA4863-2
Description  Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863-2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TDA4863-2 Datasheet HTML 7Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 8Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 9Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 10Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 11Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 12Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 13Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 14Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TDA4863-2
Functional Description
Version 2.1
11
22 Feb 2005
To prevent false tripping the zero current detector is designed as a Schmitt-Trigger with
a hysteresis of 0.5 V. An internal 5 V clamp protects the input from overvoltage
breakdown, a 0.6 V clamp prevents substrate injection. An external resistor has to be
used in series with the auxiliary winding to limit the current through the clamps.
2.8
Restart Timer
The restart timer function eliminates the need of an oscillator. The timer starts or restarts
the TDA4863-2 when the driver output has been off for more than 150 µs after the
inductor current reaches zero.
2.9
Undervoltage Lockout
An undervoltage lockout circuitry switches the IC on when V
CC reaches the upper
threshold V
CCH and switches the IC off when VCC is falling below the lower threshold VCCL.
During start up the supply current is less then 100 µA.
An internal voltage clamp has been added to protect the IC from V
CC overvoltage
condition. When using this clamp special care must be taken on power dissipation.
Start up current is provided by an external start up resistor which is connected from the
AC line to the input supply voltage V
CC and a storage capacitor which is connected from
VCC to ground. Be aware that this capacitor is discharged before the IC is plugged into
the application board. Otherwise the IC can be destroyed due to the high capacitor
voltage.
Bootstrap power supply is created with the previous mentioned auxiliary winding and a
diode (see “Application Circuit” on Page 21).
2.10
Gate Drive
The TDA4863-2 totem pole output stage is MOSFET compatible. An internal protection
ciruitry is activated when V
CC is within the start up phase and ensures that the MOSFET
is turned off. The totem pole output has been optimized to achieve minimized cross
conduction current during high speed operation.
Compared to TDA4863 a bigger MOS Transistor can be driven by the TDA4863-2. When
a big MOSFET is used in applications with TDA4863, for example SPP20N60C3, the
falling edge of the gate drive voltage can swing under GND and can cause false
triggering of the IC. To prevent false traiggering the gate drive voltage of theTDA4863-2
at low state and gate current I
GT = 0mA is set to VGTL= 0.85V (TDA4863: VGTL=0.25V).
The difference between TDA4863-2 and TDA4863 is also depicted in the diagram: gate drive
voltage low state on page 20.


Similar Part No. - TDA4863-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2G INFINEON-TDA4863-2G Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
More results

Similar Description - TDA4863-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com