Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC237015124 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BFC237015124
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237015124 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFC237015124 Datasheet HTML 2Page - Vishay Siliconix BFC237015124 Datasheet HTML 3Page - Vishay Siliconix BFC237015124 Datasheet HTML 4Page - Vishay Siliconix BFC237015124 Datasheet HTML 5Page - Vishay Siliconix BFC237015124 Datasheet HTML 6Page - Vishay Siliconix BFC237015124 Datasheet HTML 7Page - Vishay Siliconix BFC237015124 Datasheet HTML 8Page - Vishay Siliconix BFC237015124 Datasheet HTML 9Page - Vishay Siliconix BFC237015124 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MKT 370
Vishay BCcomponents
DC Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28108
82
Revision: 04-Aug-09
URdc = 250 V; URac = 63 V (compact size)
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
URdc = 400 V; URac = 220 V (standard size)
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 mm ± 0.30 mm; dt = 0.50 mm ± 0.05 mm
0.022
2.5 x 6.5 x 7.2
0.18
EB...
(2000)
EC...
(2000)
EE...
(2000)
EF...
(2000)
EH...
(1000)
EI...
(1000)
EL...
(2000)
EM...
(2000)
223
0.027
273
0.033
3.5 x 8.0 x 7.2
0.30
EB...
(1500)
EC...
(1500)
EE...
(2000)
EF...
(2000)
EH...
(1000)
EI...
(1000)
EL...
(1500)
EM...
(1500)
333
0.039
393
0.047
473
0.056
563
0.068
683
0.082
4.5 x 9.0 x 7.2
0.42
EB...
(1000)
EC...
(1000)
EE...
(2000)
EF...
(2000)
EH...
(1000)
EI...
(1000)
EL...
(1000)
EM...
(1000)
823
0.10
104
0.12
6.0 x 11.0 x 7.2
0.64
EB...
(750)
EC...
(750)
EE...
(2000)
EF...
(2000)
EH...
(1000)
EI...
(1000)
EL...
(1000)
EM...
(1000)
124
0.15
154
0.18
184
0.22
224
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 mm ± 0.30 mm; dt = 0.50 mm ± 0.05 mm
0.001
2.5 x 6.5 x 7.2
0.18
65...
(2000)
66...
(2000)
51...
(2000)
52...
(2000)
55...
(1000)
56...
(1000)
58...
(2000)
59...
(2000)
102
0.0012
122
0.0015
152
0.0018
182
0.0022
222
0.0027
272
0.0033
332
0.0039
392
0.0047
472
0.0056
562
0.0068
682
0.0082
822
0.010
3.5 x 8.0 x 7.2
0.30
65...
(1500)
66...
(1500)
51...
(2000)
52...
(2000)
55...
(1000)
56...
(1000)
58...
(1500)
59...
(1500)
103
0.012
123
0.015
153
0.018
4.5 x 9.0 x 7.2
0.42
65...
(1000)
66...
(1000)
51...
(2000)
52...
(2000)
55...
(1000)
56...
(1000)
58...
(1000)
59...
(1000)
183
0.022
223
0.027
273
0.033
6.0 x 11.0 x 7.2
0.64
65...
(750)
66...
(750)
51...
(2000)
52...
(2000)
55...
(1000)
56...
(1000)
58...
(1000)
59...
(1000)
333
0.039
393
0.047
473


Similar Part No. - BFC237015124

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
More results

Similar Description - BFC237015124

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237353104 VISHAY-BFC237353104 Datasheet
187Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com