Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3213 Datasheet(PDF) 3 Page - Tyco Electronics

Part # D3213
Description  FX2 Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D3213 Datasheet(HTML) 3 Page - Tyco Electronics

  D3213 Datasheet HTML 1Page - Tyco Electronics D3213 Datasheet HTML 2Page - Tyco Electronics D3213 Datasheet HTML 3Page - Tyco Electronics D3213 Datasheet HTML 4Page - Tyco Electronics D3213 Datasheet HTML 5Page - Tyco Electronics D3213 Datasheet HTML 6Page - Tyco Electronics D3213 Datasheet HTML 7Page - Tyco Electronics D3213 Datasheet HTML 8Page - Tyco Electronics D3213 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
108-98003 Rev. G
All specifications subject to change. Consult Tyco Electronics for latest specifications.
3 of 11
Telecom-, Signal and RF Relays
FX2 Relay
AXICOM
2 pole telecom / signal relay
Through Hole Type (THT)
Polarized, latching or non-latching 1 coil
Relay types:
sensitive non lachting version with 1
coil high sensitive non latching version
with 1 coil, latching with 1 coil
ROHS compliant (Directive 2002/95/EC) as per
product date code 0342 / halogen free.
Features
• Telecom/signal relay (dry circuit, test access, ringing)
• Slim line 15 x 7.3 mm, 0.590 x 0.287 inch
• Switching current 2 A
• 2 changeover contacts (2 form C / DPDT)
• Bifurcated contacts
• High sensitivity results in low nominal power consump-
tion 80 mW for high sensitive, 140 mW for sensitive
version
• High dielectric characteristic
≤ 1800 Vrms also between open contact
• High surge capability (1.2 / 50 µs and 10 / 700 µs)
meets
Telcordia GR 1089 and FCC Part 68
≤ 2500 V between open contacts
≤ 3500 V between coil and contacts
• High mechanical shock
up to 300 G functional
up to 1500 G survival
• Hermetically sealed (RT V)
Typical applications
• Communications equipment
linecard application - analog, ISDN, xDSL, PABX
Voice over IP
• Office and business equipment
• Measurement and control equipment
• Consumer electronics
Set top boxes, HiFi
• Medical equipment
Insulation category
Supplementary insulation according
IEC / EN 60950
Working voltage
≤ 300 Vrms
Mains supply voltage
≤ 250 Vrms
Repetitive peak voltage
2500 V
Pollution degree
Internal: 1
External: 2
Flammability classification
V-0
Maximum operating temperature
85 °C


Similar Part No. - D3213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D32124000 ETC2-D32124000 Datasheet
79Kb / 2P
   Synchronizer Module
logo
Schneider Electric
D321N SCHNEIDER-D321N Datasheet
116Kb / 2P
   Safety switch, general duty, fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 1, neutral factory installed
D321NCP SCHNEIDER-D321NCP Datasheet
120Kb / 2P
   Safety switch, general duty, fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 1, neutral factory installed, consumer packeging
D321NRB SCHNEIDER-D321NRB Datasheet
132Kb / 3P
   Safety switch, general duty, fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 3R, bolt-on provision, neutral factory installed
logo
List of Unclassifed Man...
D321RP ETC1-D321RP Datasheet
101Kb / 2P
   Short Circuit Protected Regulated, 3W SIP DC/DC Converters
More results

Similar Description - D3213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013 CYPRESS-CY7C68013 Datasheet
1Mb / 48P
   EZ-USB FX2 USB Microcontroller
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
logo
Ningbo songle relay co....
SRD SONGLERELAY-SRD Datasheet
97Kb / 2P
   RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Carlo Gavazzi Holding A...
PIDIN0126HI2R2S1XX CARLOGAVAZZI-PIDIN0126HI2R2S1XX Datasheet
891Kb / 8P
   Monitoring Relay Interface protection Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com