Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7WBD3125MUTAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # 7WBD3125MUTAG
Description  2-Bit Translating Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD3125MUTAG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 7WBD3125MUTAG Datasheet HTML 2Page - ON Semiconductor 7WBD3125MUTAG Datasheet HTML 3Page - ON Semiconductor 7WBD3125MUTAG Datasheet HTML 4Page - ON Semiconductor 7WBD3125MUTAG Datasheet HTML 5Page - ON Semiconductor 7WBD3125MUTAG Datasheet HTML 6Page - ON Semiconductor 7WBD3125MUTAG Datasheet HTML 7Page - ON Semiconductor 7WBD3125MUTAG Datasheet HTML 8Page - ON Semiconductor 7WBD3125MUTAG Datasheet HTML 9Page - ON Semiconductor 7WBD3125MUTAG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
7WBD3125
http://onsemi.com
6
AC LOADING AND WAVEFORMS
Parameter Measurement Information
CL = 50 pF*
From Output
Under Test
GND
Open
7 V
500 W
S1
*CL includes probes and jig capacitance.
500 W
Test
S1
tPD
Open
tPLZ/tPZL
7 V
tPHZ/tPZH
Open
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
3.5 V
Output
Control
3 V
0 V
1.5 V
1.5 V
1.5 V
1.5 V
tPZH
tPHZ
VOL
VOH
0 V
Output
Output
Waveform 1
S1 at 7 V
(Note 6)
Waveform 2
S1 at Open
(Note 6)
VOL + 0.3 V
VOH − 0.3 V
6. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control
7. All input pulses are supplied by generators having the following characteristics: PRR v 10 MHz, ZO = 50 W, tr v 2.5 ns, tf v 2.5 ns.
8. The outputs are measured one at a time, with one transition per measurement.
9. tPLZ and tPHZ are the same as tDIS.
10.tPZL and tPZH are the same as tEN.
11. tPHL and tPLH are the same as tPD.
Figure 6. tPD, tEN, tDIS Loading and Waveforms
1.5 V
1.5 V
1.5 V
1.5 V
Input
Output
VOH
VOL
tPHL
tPLH
3 V
0 V
tPZL
tPLZ
ORDERING INFORMATION
Device
Package
Shipping
7WBD3125USG
US8
(Pb−Free)
3000 / Tape & Reel
7WBD3125MUTAG
UDFN8
(Pb−Free)
3000 / Tape & Reel
7WBD3125AMUTCG
UQFN8
(Pb−Free)
3000 / Tape & Reel
(In Development)
7WBD3125AMX1TCG
ULLGA8 – 0.5 mm Pitch
(Pb−Free)
3000 / Tape & Reel
(In Development)
7WBD3125BMX1TCG
ULLGA8 – 0.4 mm Pitch
(Pb−Free)
3000 / Tape & Reel
(In Development)
7WBD3125CMX1TCG
ULLGA8 – 0.35 mm Pitch
(Pb−Free)
3000 / Tape & Reel
(In Development)
7WBD3125DMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
(In Development)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 7WBD3125MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3125MUTAG ONSEMI-7WBD3125MUTAG Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
More results

Similar Description - 7WBD3125MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3306 ONSEMI-7WBD3306_14 Datasheet
119Kb / 13P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3305 ONSEMI-7WBD3305 Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3306 ONSEMI-7WBD3306 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125 ONSEMI-7WBD3125_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
   2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com