Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7WBD3125 Datasheet(PDF) 11 Page - ON Semiconductor

Part # 7WBD3125
Description  2-Bit Translating Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD3125 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button 7WBD3125 Datasheet HTML 5Page - ON Semiconductor 7WBD3125 Datasheet HTML 6Page - ON Semiconductor 7WBD3125 Datasheet HTML 7Page - ON Semiconductor 7WBD3125 Datasheet HTML 8Page - ON Semiconductor 7WBD3125 Datasheet HTML 9Page - ON Semiconductor 7WBD3125 Datasheet HTML 10Page - ON Semiconductor 7WBD3125 Datasheet HTML 11Page - ON Semiconductor 7WBD3125 Datasheet HTML 12Page - ON Semiconductor 7WBD3125 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
7WBD3125
http://onsemi.com
11
PACKAGE DIMENSIONS
UQFN8, 1.6x1.6, 0.5P
CASE 523AN−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
A
B
E
D
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
8X
1
3
5
8
DIM MIN
MAX
MILLIMETERS
A
0.45
0.60
A1
0.00
0.05
A3
0.13 REF
b
0.15
0.25
D
1.60 BSC
L1
−−−
0.15
E
1.60 BSC
e
0.50 BSC
L
0.35
0.45
L1
DETAIL A
A1
A3
DETAIL B
OPTIONAL
MOLD CMPD
EXPOSED Cu
b
CONSTRUCTION
OPTIONAL
CONSTRUCTION
DETAIL B
DETAIL A
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
PITCH
0.35
7X
DIMENSIONS: MILLIMETERS
1
7
L3
0.25
1.70
1.70
0.50
L3
0.25
0.35
L3
(0.10)
(0.15)
8X
0.53
8X
0.53
8X


Similar Part No. - 7WBD3125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3125 ONSEMI-7WBD3125 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125AMUTCG ONSEMI-7WBD3125AMUTCG Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125DMR2G ONSEMI-7WBD3125DMR2G Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125DMUTCG ONSEMI-7WBD3125DMUTCG Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125MUTAG ONSEMI-7WBD3125MUTAG Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
More results

Similar Description - 7WBD3125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3306 ONSEMI-7WBD3306_14 Datasheet
119Kb / 13P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3305 ONSEMI-7WBD3305 Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3306 ONSEMI-7WBD3306 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125 ONSEMI-7WBD3125_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
   2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com