Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848710454Y5 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP1848710454Y5
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848710454Y5 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP1848710454Y5 Datasheet HTML 6Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 7Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 8Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 9Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 10Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 11Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 12Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 13Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28164
290
Revision: 02-Feb-09
HEAT CONDUCTIVITY AND HOT SPOT TEMPERATURE
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of
the free air ambient temperature.
The component temperature rise (
ΔT) can be measured or calculated by ΔT = P/G:
ΔT = Component temperature rise (°C)
• P = Power dissipation of the component (mW)
• G = Heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC).
The temperature rise is given by
ΔT = T
c - Tamb.
To avoid thermal radiation or convection, the capacitor must be tested in a closed area from air circulation.
Wmax.
(mm)
HEAT CONDUCTIVITY (mW/°C)
PITCH 27.5 mm
PITCH 37.5 mm
PITCH 52.5 mm
9.0
31
-
-
11.0
37
-
-
13.0
42
-
-
15.0
48
-
-
18.0
58
-
-
18.5
-
89
-
21.0
68
-
-
21.5
-
102
-
24.0
-
116
-
25.0
-
-
152
30.0
-
134
181
35.0
-
-
197
45.0
-
-
213
87.0
-
-
341
Thermocouple


Similar Part No. - MKP1848710454Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848710454Y5 VISHAY-MKP1848710454Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848710454Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848_11 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com