Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15EJS1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 15EJS1
Description  Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15EJS1 Datasheet(HTML) 1 Page - Tyco Electronics

  15EJS1 Datasheet HTML 1Page - Tyco Electronics 15EJS1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
The new EJS series is the next generation of power inlet
filters. The 1-15 amp versions are snap-in mounted and
mechanically equivalent to the EAS/EBS series. The
performance has been enhanced to better meet the needs
for more attenuation. The EJS series also has an extended
metal flange around the socket for improved high
frequency EMI shielding as well as a larger contact area
for the panel ground.
The EJS series also includes a 20 amp version that uses
the inlet IEC 320/C20. This product was designed to keep
up with the demand for higher current equipment.
Applications include higher current power supplies and
computing equipment, which consist of work stations, base
stations, servers, etc.
*15EJS - VDE rated at 10 amps, 250 VAC
20EJS - VDE rated at 16 amps, 250 VAC
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.22mA
@ 250 VAC 50 Hz:
.38mA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.05
.1
.15
.5
1
5
10
30
01A
15
27
32
37
44
52
50
50
50
03A
-
10
15
20
30
39
48
50
60
06A
-
1
5
9
21
28
41
44
54
10A
-
1
4
7
14
18
31
36
51
15A
-
-
-
2
5
8
21
26
40
20A
-
-
3
5
14
21
30
33
42
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.05
.1
.15
.5
1
5
10
30
01A
-
-
5
8
19
27
45
43
9
03A
-
-
5
8
17
20
39
42
11
06A
-
-
5
8
17
21
32
40
16
10A
-
-
5
8
17
21
23
36
16
15A
-
-
5
8
17
23
33
30
11
20A
-
-
5
2
17
25
27
35
48
50
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EJS Series
EJS Series
CORCOM Product Guide
Electrical Schematic
LINE
LOAD
Resistor location for reference only.
UL Recognized
CSA Certified
VDE Approved*
20EJS1
EJS1 (1-15A)


Similar Part No. - 15EJS1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15EJS1 MACOM-15EJS1 Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
More results

Similar Description - 15EJS1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
   Snap-In Compact RFI Filter IEC Connector Package
1EEJ1 MACOM-1EEJ1 Datasheet
110Kb / 4P
   Enhanced Performance (1-20 Amp) Compact RFI Filter IEC Connector Package
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
   Compact RFI Filter with IEC Connectors
1EJT1 MACOM-1EJT1_1 Datasheet
89Kb / 2P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
EJT MACOM-EJT Datasheet
428Kb / 6P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EC1 MACOM-1EC1 Datasheet
469Kb / 2P
   High Performance Compact RFI Power Line Filters with IEC Connectors
logo
Delta Electronics, Inc.
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GENG3E DELTA-06GENG3E Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GENG3E-R DELTA-10GENG3E-R Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com