Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE000SD3D Datasheet(PDF) 2 Page - Tyco Electronics

Part # PE000SD3D
Description  The CHAMELEON Adaptable Module for General Purpose, DC Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE000SD3D Datasheet(HTML) 2 Page - Tyco Electronics

  PE000SD3D Datasheet HTML 1Page - Tyco Electronics PE000SD3D Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The CHAMELEON Adaptable Module for General Purpose, DC Applications (Continued)
155
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
P Series
CORCOM Product Guide
Case Styles
A
B
C
F
.06 Min.
1.54
Case Dimensions
Part No.
AB
C
D
E
F
(max) (max) (max)
PE
1.980
2.130 2.310
1.120
2.201
1.575
50.29
54.10 58.67
28.45
55.91
40.00
PS
1.240
2.130 2.310
1.120
2.201
31.50
54.10 58.67
28.45
55.91
Part Numbers
PE000DD3D
PS000DD3D
PE000DD6D
PS000DD6D
PE000DDXD
PS000DDXD
PE000SD3D
PS000SD3D
PE000SD6D
PS000SD6D
PE000SDXD
PS000SDXD
DC Connector No.
GA210
PE
A
B
C
PS
Recommended Panel Cutout
+.008/-.000
+.20/-.00
+.008/-.000
+.20/-.00
Ordering Information
Mounting Style
E = Mounting ears
S = Snap-in
Extender Options
0 = None
Switch Options
0 = No switch
Input Voltage Select
0 = Single voltage
Fuse Options
D = Dual fuse
S = Single fuse
Shield Options
D = Complete shield
(DC version)
Filter Current
3 = 3 amps
6 = 6 amps
X = 10 amps
Filter Type
D = DC version
PS000DD3D
D
E
.06
1.52
R Max.
.020
.508
R Min.
External Edge
(1)
Note: The external
edges (installation side)
on the "D" sides of the
cutout should have a
minimum .020" radius.
For optional retention
against extraction, the
corresponding inner
edge should be sharp,
without paint or coatings.
Edge coatings, including
anodization are also
discouraged for good
shield contact.
Mating Connectors
CORCOM Part Number:
GA210 - Custom connector assembly with 2, 36” long 18
gauge wires to mate with P Series filter
MOLEX Component Part Numbers:
03-12-1026
Connector housing to mate with P Series
18-12-1222
Female Terminal (2 needed per housing)
Red
Black


Similar Part No. - PE000SD3D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE000SD3D MACOM-PE000SD3D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
logo
TE Connectivity Ltd
PE000SD3D TEC-PE000SD3D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
More results

Similar Description - PE000SD3D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PE000DD3D TEC-PE000DD3D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
PSJ0XSS60 MACOM-PSJ0XSS60 Datasheet
222Kb / 8P
   The CHAMELEON Adaptable Module for General, High Performance or Medical Applications
logo
E-Tech Electronics LTD
GMSD1664 ETL-GMSD1664 Datasheet
193Kb / 2P
   The GMSD1664 is designed for general purpose amplifier applications.
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
   The GMBTA06 is designed for general purpose amplifier applications
G9014 ETL-G9014 Datasheet
184Kb / 3P
   The G9014 is designed for general purpose amplifier applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
E-Tech Electronics LTD
GSB1694 ETL-GSB1694 Datasheet
125Kb / 2P
   The GSB1694 is designed for general purpose amplifier applications
logo
Vishay Siliconix
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com