Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15DCF6B Datasheet(PDF) 4 Page - Tyco Electronics

Part # 15DCF6B
Description  RFI Power Line Filters for DC Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15DCF6B Datasheet(HTML) 4 Page - Tyco Electronics

  15DCF6B Datasheet HTML 1Page - Tyco Electronics 15DCF6B Datasheet HTML 2Page - Tyco Electronics 15DCF6B Datasheet HTML 3Page - Tyco Electronics 15DCF6B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Case Styles (continued)
RFI Power Line Filters for DC Applications (Continued)
Case Dimensions (cont'd)
Part
A
B
C
D
E
F
Number
(max)
(max) (max)
*
(max)
*
60DCF10
8.56
5.48
2.55
4.92
5.94
2.576
217.4
139.2
64.8
124.97
150.9
65.43
60DCF10B
11.75
5.06
1.48
5.74
9.06
6.52
298.5
128.5
37.6
145.8
230.1 165.61
100DCB6(F)
10.31
5.06
1.78
4.50
8.06
1.25
261.9
128.5
45.2
114.3
204.7
31.75
100DCB6B(F)
12.31
6.06
1.78
5.50
10.06
1.25
312.7
153.9
45.2
139.7
255.5
31.75
100DCB10(F)
11.13
5.06
1.78
4.50
8.06
1.25
282.6
128.5
45.2
114.3
204.7
31.75
100DCB10B(F)
13.13
6.06
1.78
5.50
10.06
1.25
333.5
153.9
45.2
139.7
255.5
31.75
100DCF6
10.60
6.30
2.52
5.70
8.46
4.52
269.2
160.0
64.0
144.78
214.9 114.81
100DCF6B
12.31
6.06
1.78
6.74
10.06
7.52
312.7
153.9
45.2
171.2
255.5 191.01
100DCF10
11.50
6.30
2.52
5.70
8.46
4.52
292.1
160.0
64.0
144.78
214.9 114.81
100DCF10B
13.13
6.06
1.78
6.74
10.06
7.52
333.5
153.9
45.2
171.2
255.5 191.01
125DCB6(F)
10.31
5.06
1.78
4.50
8.06
1.25
261.9
128.5
45.2
114.3
204.7
31.75
125DCB6B(F)
12.31
6.06
1.78
5.50
10.06
1.25
312.7
153.9
45.2
139.7
255.5
31.75
125DCB10(F)
11.50
5.06
1.78
4.50
8.06
1.25
292.1
128.5
45.2
114.30
204.7
31.75
125DCB10B(F)
13.50
6.06
1.78
5.50
10.06
1.25
342.9
153.9
45.2
139.7
255.5
31.75
125DCF6
10.60
6.30
2.52
5.70
8.46
4.52
269.2
160.0
64.0
144.78
214.9 114.81
125DCF6B
12.31
6.06
1.78
6.74
10.06
7.52
312.7
153.9
45.2
171.2
255.5 191.01
125DCF10
11.86
6.30
2.52
5.70
8.46
4.52
301.2
160.0
64.0
144.78
214.9 114.81
125DCF10B
13.50
6.06
1.78
6.74
10.06
7.52
342.9
153.9
45.2
171.2
255.5 191.01
* ±.020 [±.51]
153
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
DC Series
CORCOM Product Guide
DCF10B (60 to 125 Amps)
B
A
C
D
E
F
L
I
N
E
L
O
A
D
Tapped insert: 6-32 (4)
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)
Case Dimensions
Part
A
B
C
D
E
F
Number
(max)
(max) (max)
*
(max)
*
15DCB6(F)
5.69
5.06
1.48
4.50
4.06
0.950
144.5
128.5
37.6
114.3
103.1
24.13
15DCB6B(F)
7.69
5.06
1.48
4.50
6.06
0.950
195.3
128.5
37.6
114.3
153.9
24.13
15DCB10(F)
5.06
5.06
1.48
4.50
4.06
0.950
128.5
128.5
37.6
114.3
103.1
24.13
15DCB10B(F)
7.06
5.06
1.48
4.50
6.06
0.950
179.3
128.5
37.6
114.3
153.9
24.13
15DCF6
5.33
3.10
1.78
2.677
3.70
2.00
135.4
78.7
45.2
68.0
94.0
50.80
15DCF6B(F)
7.69
5.06
1.48
5.740
6.06
3.52
195.3
128.5
37.6
145.8
153.9
89.41
15DCF10
4.75
3.10
1.78
2.677
3.70
2.0
120.7
78.7
45.2
68.0
94.0
50.8
15DCF10B(F)
7.06
5.06
1.48
5.740
6.06
3.520
179.3
128.5
37.6
145.80
153.9
89.41
30DCB6(F)
7.69
5.06
1.48
4.50
6.06
0.95
195.3
128.5
37.6
114.3
153.9
24.13
30DCB6B(F)
8.69
5.06
1.48
4.50
7.06
0.95
220.7
128.5
37.6
114.3
179.3
24.13
30DCB10(F)
7.06
5.06
1.48
4.50
6.06
0.95
179.3
128.5
37.6
114.3
153.9
24.13
30DCB10B(F)
8.06
5.06
1.48
4.50
7.06
0.95
204.7
128.5
37.6
114.3
179.3
24.13
30DCF6
6.19
3.96
2.18
3.50
4.56
2.00
157.2
100.6
55.4
88.9
115.8
50.8
30DCF6B
8.69
5.0
1.48
5.74
7.06
4.52
220.73
127.0
37.6
145.8
179.3 114.81
30DCF10
5.56
3.96
2.18
3.5
4.56
2.0
141.2
100.58
55.4
88.9
115.8
50.8
30DCF10B
8.06
5.06
1.48
5.74
7.06
4.52
204.7
128.52
37.6
145.8
179.3 114.81
60DCB6(F)
8.69
5.06
1.48
4.50
7.06
0.95
220.73
128.52
37.6
114.3
179.3
24.13
60DCB6B(F)
10.69
5.06
1.48
4.50
9.06
0.95
271.5
128.52
37.6
114.3
230.1
24.13
60DCF6
7.56
5.48
2.55
4.92
5.94
2.756
192.0
139.2
64.8
124.97
150.9
70.0
60DCF6B
10.69
5.06
1.48
5.74
9.06
6.52
271.5
128.52
37.6
145.8
230.1 165.61
Terminations
Style 6 (15, 30 & 60A)
Style 6 (100 & 125A)
Supplied with #10-32 redundant
Supplied with 1/4-20 redundant
studs - 0.625 [15.88] spacing like
studs - 0.750 [19.05] spacing like
polarity, 0.750 [19.05] spacing
polarity.1.000 [25.4] spacing
opposing polarity.
opposing polarity.
Torque Spec: 27±3 in-lb.
Torque Spec: 45±2 in-lb.
Style 10 (15 & 30A)
Style 10 (60A)
Phoenix Contact
Phoenix Contact
Part No. VDFK4
Part No. HDFK 16-VP
Accepts 12 AWG stranded wire
Accepts 6 AWG stranded wire
Wire Strip Length: 0.315 [8.0]
Wire Strip Length: 0.630 [16.0]
Torque Spec: 5.5 - 7.0 in-lb.
Torque Spec: 17.7 - 21.2 in-lb.
Ground Stud 8-32
Ground Stud 10-32
Style 10 (100A)
Style 10 (125A)
Phoenix Contact
Phoenix Contact
Part No. HDFK 25-VP
Part No. HDFK-50-VP
Accepts 4 AWG stranded wire
Accepts 1 AWG stranded wire
Wire Strip Length: 0.748 [19.0]
Wire Strip Length: 0.945 [24.0]
Torque Spec: 35.4 - 39.9 in-lb.
Torque Spec: 35.4 - 39.9 in-lb.
Ground Stud 1/4 - 20
Ground Stud 1/4 - 20


Similar Part No. - 15DCF6B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCF6B MACOM-15DCF6B Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6B MACOM-15DCF6B Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
15DCF6B TEC-15DCF6B Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCF6BF MACOM-15DCF6BF Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
More results

Similar Description - 15DCF6B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com