Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15VT6 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 15VT6
Description  High Performance RFI Power Line Filters for Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15VT6 Datasheet(HTML) 2 Page - Tyco Electronics

  15VT6 Datasheet HTML 1Page - Tyco Electronics 15VT6 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Performance RFI Power Line Filters for Switching Power Supplies (Continued)
95
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
T Series
CORCOM Product Guide
Case Styles
Case Dimensions
AB
C
D
E
± .015
Part No.
(max) (max) (max)
(max)
± .38
3ET1, 6ET1
3.56
2.15
1.81
2.938
3.38
90.4
54.6
46.0
74.63
85.9
3ET3, 6ET3
2.55
2.15
1.81
2.938
3.38
64.8
54.6
46.0
74.63
85.9
3ET7, 6ET7
3.52
2.25
1.78
1.575
0.63
89.4
57.2
45.2
40.01
16.0
10ET1, 10VT1
4.69
2.27
1.80
4.063
4.47
119.1
57.7
45.7
103.2 113.5
10ET3, 10VT3
3.69
2.27
1.80
4.063
4.47
93.7
57.7
45.7
103.2 113.5
15ET1, 15VT1,
5.45
3.12
2.18
3.500
3.96
20ET1, 20VT1
138.4
79.2
55.4
88.9
100.6
15ET6, 15VT6,
5.95
3.12
2.18
3.500
3.96
20ET6, 20VT6
151.1
79.2
55.4
88.9
100.6
±.02 [±.5]
Part Numbers
3ET1
3ET3
3ET7
6ET1
6ET3
6ET7
10ET1
10ET3
15ET1
15ET6
20ET1
20ET6
10VT1
10VT3
15VT1
15VT6
20VT1
20VT6
Line Cord No. (T7)
GA400
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Slot: .07 x .16 [1.8 x 4.1]
Mounting holes: .188 [4.78] Dia. (2)
T1
A
B
C
DE
Typical dimensions:
Wire leads: 4.0 [101.6] Min.
Mounting holes: .188 [4.78] Dia. (2)
T3
AD
E
Brown
Blue
Brown
Blue
Grn/Yel
C
B
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Slot: .07 x .16 [1.8 x 4.1]
Mounting holes: .203 x .156 [5.16 x3.96] Dia. (4)
15A, 20A-T1
B
C
E D
2.00± .01
A
50.8±.25
E D
B
2.00 .01
50.8 .25
A
C
Typical dimensions:
Terminals: No. 8-32
Torque: 18 ± 2 in.lb
15A, 20A-T6
T7
A
Tapped insert:
D B
E
C
No. 6-32 x 1/4 (2)-R7
1.295
32.9
1.575
40.0
0.910
23.1
0.235
6.0 R.
0.157
4.0 Dia.


Similar Part No. - 15VT6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15VT6 MACOM-15VT6 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
15VT6 MACOM-15VT6 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
15VT6 TEC-15VT6 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results

Similar Description - 15VT6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
Tyco Electronics
3ET1 MACOM-3ET1_11 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
VP1 TEC-VP1 Datasheet
214Kb / 3P
   Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com