Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4354 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4354
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4354 Datasheet HTML 1Page - Cirrus Logic CS4354 Datasheet HTML 2Page - Cirrus Logic CS4354 Datasheet HTML 3Page - Cirrus Logic CS4354 Datasheet HTML 4Page - Cirrus Logic CS4354 Datasheet HTML 5Page - Cirrus Logic CS4354 Datasheet HTML 6Page - Cirrus Logic CS4354 Datasheet HTML 7Page - Cirrus Logic CS4354 Datasheet HTML 8Page - Cirrus Logic CS4354 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DS895A2
5
CS4354
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = 0 V; all voltages with respect to ground.(Note 1)
Notes: 1. Device functional operation is guaranteed within these limits. Functionality is not guaranteed or implied
outside of these limits. Operation outside of these limits may adversely affect device reliability.
ABSOLUTE MAXIMUM RATINGS
GND = 0 V; all voltages with respect to ground.
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
Notes: 2. The maximum over/under voltage is limited by the input current except on the power supply pin.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog power
Interface power
VA
VL
4.75
1.4
5.0
1.8, 3.3, 5.0
5.25
5.25
V
V
Ambient Operating Temperature (Power Applied)
-CSZ
TA
-40
-
+85
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Low Voltage Analog Power
Interface Power
VA
VL
-0.3
-0.3
6.0
6.0
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage (Note 2)
Digital Interface
VIN-L
-0.3
VL+ 0.4
V
Ambient Operating Temperature (Power Applied)
TA
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C


Similar Part No. - CS4354

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350-CZZ CIRRUS-CS4350-CZZ Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350-CZZR CIRRUS-CS4350-CZZR Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350-DZZ CIRRUS-CS4350-DZZ Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
More results

Similar Description - CS4354

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Wolfson Microelectronic...
WM8524 WOLFSON-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM1824 WOLFSON-WM1824 Datasheet
330Kb / 24P
   24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Cirrus Logic
WM8533 CIRRUS-WM8533 Datasheet
742Kb / 41P
   24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com