Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90USB162-16AU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # 90USB162-16AU
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
Download  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

90USB162-16AU Datasheet(HTML) 5 Page - ATMEL Corporation

  90USB162-16AU Datasheet HTML 1Page - ATMEL Corporation 90USB162-16AU Datasheet HTML 2Page - ATMEL Corporation 90USB162-16AU Datasheet HTML 3Page - ATMEL Corporation 90USB162-16AU Datasheet HTML 4Page - ATMEL Corporation 90USB162-16AU Datasheet HTML 5Page - ATMEL Corporation 90USB162-16AU Datasheet HTML 6Page - ATMEL Corporation 90USB162-16AU Datasheet HTML 7Page - ATMEL Corporation 90USB162-16AU Datasheet HTML 8Page - ATMEL Corporation 90USB162-16AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 306 page
background image
5
7707E–AVR–11/08
AT90USB82/162
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The AT90USB82/162 provides the following features: 8K / 16K bytes of In-System Programma-
ble Flash with Read-While-Write capabilities, 512 bytes EEPROM, 512 bytes SRAM, 22 general
purpose I/O lines, 32 general purpose working registers, two flexible Timer/Counters with com-
pare modes and PWM, one USART, a programmable Watchdog Timer with Internal Oscillator,
an SPI serial port, debugWIRE interface, also used for accessing the On-chip Debug system
and programming and five software selectable power saving modes. The Idle mode stops the
CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt system to continue func-
tioning. The Power-down mode saves the register contents but freezes the Oscillator, disabling
all other chip functions until the next interrupt or Hardware Reset. In Standby mode, the Crys-
tal/Resonator Oscillator is running while the rest of the device is sleeping. This allows very fast
start-up combined with low power consumption. In Extended Standby mode, the main Oscillator
continues to run.
The device is manufactured using Atmel’s high-density nonvolatile memory technology. The on-
chip ISP Flash allows the program memory to be reprogrammed in-system through an SPI serial
interface, by a conventional nonvolatile memory programmer, or by an on-chip Boot program
running on the AVR core. The boot program can use any interface to download the application
program in the application Flash memory. Software in the Boot Flash section will continue to run
while the Application Flash section is updated, providing true Read-While-Write operation. By
combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip,
the Atmel AT90USB82/162 is a powerful microcontroller that provides a highly flexible and cost
effective solution to many embedded control applications.
The AT90USB82/162 AVR is supported with a full suite of program and system development
tools including: C compilers, macro assemblers, program debugger/simulators, in-circuit emula-
tors, and evaluation kits.
2.2
Pin Descriptions
2.2.1
VCC
Digital supply voltage.
2.2.2
GND
Ground.
2.2.3
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features of the AT90USB82/162 as listed on
page 74.


Similar Part No. - 90USB162-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
90USB162-16AU ATMEL-90USB162-16AU Datasheet
2Mb / 306P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash
logo
List of Unclassifed Man...
90USB162-16AU ETC1-90USB162-16AU Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
More results

Similar Description - 90USB162-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB162-16AU ATMEL-AT90USB162-16AU Datasheet
3Mb / 307P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
ATMEL Corporation
AT90USB82 ATMEL-AT90USB82 Datasheet
2Mb / 306P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash
ATMEGA8U2 ATMEL-ATMEGA8U2_1 Datasheet
353Kb / 21P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2 Datasheet
5Mb / 314P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_1 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_08 Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com