Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BEI15 Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # BEI15
Description  Isolated Wide Input Bipolar 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BEI15 Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button BEI15 Datasheet HTML 5Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 6Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 7Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 8Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 9Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 10Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 11Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 12Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 13Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BEI15 Series
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
04 Mar 2010
MDC_BEI15W.A01 Page 9 of 13
PERFORMANCE DATA, BEI15-050-Q48
Efficiency vs. Line Voltage and Load Current @ +25°C
Power Dissipation vs. Load Current @ +25°C
40
44
48
52
56
60
64
68
72
76
80
84
0.2
0.3
0.4
0.6
0.7
0.8
1.0
1.1
1.2
1.4
1.5
Load C urre nt (Amps)
VIN = 18V
VIN = 24V
VIN = 48V
VIN = 75V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.2
0.3
0.4
0.6
0.7
0.8
1.0
1.1
1.2
1.4
1.5
Output Load C urre nt (Amps)
VIN = 18V
VIN = 24V
VIN = 48V
VIN = 75V
Maximum Current Temperature Derating at Sea Level
(VIN= 18 to 75V, airflow is from pin 1 to pin 2)
30
35
40
45
50
55
60
65
70
75
80
85
0
1
2
3
65 LFM
Ambient Temperature (ºC)


Similar Part No. - BEI15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-050-Q12 MURATA-BEI15-050-Q12 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15-050-Q12 MURATA-PS-BEI15-050-Q12 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-050-Q12P-C MURATA-BEI15-050-Q12P-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
More results

Similar Description - BEI15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com