Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ45-8L-B Datasheet(PDF) 2 Page - Tyco Electronics

Part # RJ45-8L-B
Description  Inductive Filtering Modular RJ Jacks
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RJ45-8L-B Datasheet(HTML) 2 Page - Tyco Electronics

  RJ45-8L-B Datasheet HTML 1Page - Tyco Electronics RJ45-8L-B Datasheet HTML 2Page - Tyco Electronics RJ45-8L-B Datasheet HTML 3Page - Tyco Electronics RJ45-8L-B Datasheet HTML 4Page - Tyco Electronics RJ45-8L-B Datasheet HTML 5Page - Tyco Electronics RJ45-8L-B Datasheet HTML 6Page - Tyco Electronics RJ45-8L-B Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L Series - Ganged Version
Ganged version of our L series filtered jacks. Available in
RJ11 models with block inductors in gangs of 2, 4, or 6.
Retrofits existing unfiltered ganged jack footprints.
Specifications
Contacts:
Material:
Phosphor Bronze
Plating:
50 microinches gold
Barrier underplating:
100 microinches nickel
Resistance:
Initial:
20 milliohms max.
After durability testing:
30 milliohms max.
(500 mating cycles)
Ferrites:
Type:
High resistivity, nickel zinc ceramic
Block:
Multi-aperture rectangular prism
Housing Material:
Glass-filled polyester (UL94V-0)
Dielectric Withstanding Voltage:
Line-to-line and line-to-ground
1000 VAC for
60 seconds
Printed Circuit Board Retention:
Before soldering:
1 lb. minimum
After soldering:
20 lb. minimum
176
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
L - Ganged Series
L - Ganged Series
CORCOM Product Guide
Part Numbers
2RJ11-6L-B
4RJ11-6L-B
6RJ11-6L-B
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
1
25
100
200
500
Frequency in MHz
Typical Impedance in Ohms
Model Dimensions and PC Board Layout
.050
1.27
.250
[
6.35] .350 [8.89]
.030
+ .008
- .003
Dia.
A
B
C
.128 + .003 Dia.
.470
11.94
D
.325
8.25
.100
2.54
.050 [
1.27]
.195
.040
1.02
.810
20.57
.410
10.41
.165
4.19
.590
14.99
Ports
AB
C
D
2
.99
.87
.795
.87
25.15
22.1
20.19
22.1
4
1.93
1.81
1.735
1.81
49.02
45.97
44.07
25.97
6
2.87
2.75
2.675
2.75
72.9
69.85
67.95
69.85
L - Ganged Series
6RJ11
4RJ11
2RJ11 with Block Filter
UL Recognized
CSA Certified


Similar Part No. - RJ45-8L-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJ45-8L-B MACOM-RJ45-8L-B Datasheet
335Kb / 7P
   Inductive Filtering Modular RJ Jacks
logo
TE Connectivity Ltd
RJ45-8L-B TEC-RJ45-8L-B Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
RJ45-8L-B TEC-RJ45-8L-B Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
RJ45-8L-B TEC-RJ45-8L-B Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
RJ45-8L-B TEC-RJ45-8L-B Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
More results

Similar Description - RJ45-8L-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJH-4L-B MACOM-RJH-4L-B_11 Datasheet
335Kb / 7P
   Inductive Filtering Modular RJ Jacks
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S Datasheet
295Kb / 6P
   Low Capacitance Modular RJ Jacks
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S_11 Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
logo
TE Connectivity Ltd
RJ11 TEC-RJ11 Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
PCA ELECTRONICS INC.
EPJ9372A PCA-EPJ9372A_15 Datasheet
28Kb / 1P
   RJ Filter Port Jacks
EPJ9303-F2 PCA-EPJ9303-F2_15 Datasheet
66Kb / 1P
   RJ-45 Filter Port Jacks
EPJ9302-F2 PCA-EPJ9302-F2_15 Datasheet
68Kb / 1P
   RJ-45 Filter Port Jacks
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com