Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM00XSS60 Datasheet(PDF) 4 Page - Tyco Electronics

Part # PM00XSS60
Description  The CHAMELEON Adaptable Module for General, High Performance or Medical Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PM00XSS60 Datasheet(HTML) 4 Page - Tyco Electronics

  PM00XSS60 Datasheet HTML 1Page - Tyco Electronics PM00XSS60 Datasheet HTML 2Page - Tyco Electronics PM00XSS60 Datasheet HTML 3Page - Tyco Electronics PM00XSS60 Datasheet HTML 4Page - Tyco Electronics PM00XSS60 Datasheet HTML 5Page - Tyco Electronics PM00XSS60 Datasheet HTML 6Page - Tyco Electronics PM00XSS60 Datasheet HTML 7Page - Tyco Electronics PM00XSS60 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
The CHAMELEON Adaptable Module for General, High Performance or
Medical Applications (Continued)
135
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
P Series
CORCOM Product Guide
Fuseholder
Another feature of the P series power entry module is a ver-
satile fusing arrangement. Its fuseholder can hold two 1/4”
x 1-1/4” or 5 x 20mm fuses. It can also be converted to
accept one fuse with a conversion clip that bridges one of
the two fuse chambers. The conversion clip is installed on
the P Series power entry modules set for single fusing
(those with part numbers with an “S” as the sixth digit).
Units with a “D” as the sixth digit do not include a conver-
sion clip.
Interconnection Block
Also available is an interconnection block (B models). The
block connects the voltage selection terminals of an unfil-
tered CHAMELEON module with a switch and an IEC con-
nector to reduce external wiring. Installation of the unfil-
tered versions of the P series involves wiring of the IEC
socket to the switch and the switch to the fuseholder. Labor
can be eliminated by ordering the product with an intercon-
nection block. This feature, designated by a BX in the sev-
enth and eighth digits, pre wires the module for easier
installation. The wiring is protected with the plastic case to
better prevent access to the terminals and connections.
The dimensions of this alternative are the same as the
filtered versions.
Accessories
A full range of accessories are available for the P Series.
To simplify customer installation wiring can be simplified by
ordering a PA100 connector assembly which is pre-wired
with 6" of wire lead.
See page 143 for a complete list of all accessories
available for this series.
Interconnection Block installed in place of filer.
Fuseholder shown with 5x20mm fuse
Conversion clip included for use in single
fuse applications.
PA100 Assembly


Similar Part No. - PM00XSS60

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0002 SSDI-PM0002 Datasheet
83Kb / 2P
   IGBT POWER MODULE
PM0002 SSDI-PM0002_15 Datasheet
83Kb / 2P
   IGBT POWER MODULE
PM0003 SSDI-PM0003 Datasheet
129Kb / 2P
   SRM POWER MODULE
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
PM0004 SSDI-PM0004 Datasheet
63Kb / 2P
   POWER MODULE
More results

Similar Description - PM00XSS60

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PE000DD3D TEC-PE000DD3D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D Datasheet
64Kb / 2P
   The CHAMELEON Adaptable Module for General Purpose, DC Applications
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
3EHZ1 MACOM-3EHZ1 Datasheet
272Kb / 2P
   High Performance Power Line Filter for Medical Applications
logo
TE Connectivity Ltd
3EHZ1 TEC-3EHZ1 Datasheet
312Kb / 3P
   High Performance Power Line Filter for Medical Applications
logo
Tyco Electronics
3EHZ1 MACOM-3EHZ1_11 Datasheet
312Kb / 3P
   High Performance Power Line Filter for Medical Applications
logo
Burland Technology Solu...
ADU BURLAND-ADU Datasheet
1Mb / 4P
   Chameleon ADU
logo
Abracon Corporation
ASTMHT ABRACON-ASTMHT Datasheet
5Mb / 14P
   High temperature applications for Industrial, medical
06.17.2016
logo
NXP Semiconductors
MC56F823XX NXP-MC56F823XX_V01 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com