Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

155230-5203-RA Datasheet(PDF) 3 Page - 3M Electronics

Part # 155230-5203-RA
Description  Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

155230-5203-RA Datasheet(HTML) 3 Page - 3M Electronics

  155230-5203-RA Datasheet HTML 1Page - 3M Electronics 155230-5203-RA Datasheet HTML 2Page - 3M Electronics 155230-5203-RA Datasheet HTML 3Page - 3M Electronics 155230-5203-RA Datasheet HTML 4Page - 3M Electronics 155230-5203-RA Datasheet HTML 5Page - 3M Electronics 155230-5203-RA Datasheet HTML 6Page - 3M Electronics 155230-5203-RA Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MLatch/Eject Header
2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
1552 Series
TS-2199-F
Sheet 3 of 4
Inch
[Imm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01 ±.005
[ ] Dimensions for Reference Only
DIM. "A"
.247
6.27
.425
10.80
.26
6.7
.15
3.8
DIM. "D"
.079
2.00
.079
2.00
.163
4.14
POSITION #1
ORIENTATION
TRIANGLE
DIM. "B"
DIM. "E" ±.01
[DIM. "E"] ±0.25
.079
2.00
.51
12.9
.59
15.1
2X
PC Board Footprint
.079 ±.003
2.00 ±0.08
.079 ±.003
2.00 ±0.08
O .032 ±.003
0.81 ±0.08
AFTER PLATING
DIM. "B"
.33
8.5
EDGE OF PCB
.787
20.00
Notes:
1. See straight drawings (sheet 2) for latch dimensions.
2. See Chart 1 (sheet 4) for dimensions A, B, and D.
Right Angle
Ordering Information
1552XX-5X0X-XX
Latching:
2 = Latch, molded on skt with latching ear
3 = Latch, press on skt
Note: See Chart 1 (sheet 4) for latching availability
Solder Tail Length:
Dimension "E"
2 = .112" [ 2.84 ]
3 = .155" [ 3.94 ]
Plating Options:
RB = 30 μ" [ 0.76 μm ] Gold
RA = 10 μ" [ 0.25 μm ] Gold
(RIA E1 & C1 apply) (both platings)
Contact Quantity
(See Table)


Similar Part No. - 155230-5203-RA

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1552308 PHOENIX-1552308 Datasheet
82Kb / 4P
   Bus system flat-type plug - SACC-DSI-MSD-4CON-L180/12 SCO
More results

Similar Description - 155230-5203-RA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
HK TO-GRACE TECHNOLOGY ...
AA4040VRBXZ1S-A-2A TO-GRACE-AA4040VRBXZ1S-A-2A Datasheet
1,018Kb / 6P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LZGCKT-AMT KINGBRIGHT-AA4040LZGCKT-AMT Datasheet
542Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/22/2023
logo
HK TO-GRACE TECHNOLOGY ...
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LQBSD-AMT KINGBRIGHT-AA4040LQBSD-AMT Datasheet
554Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com