Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

155240-5202-RA Datasheet(PDF) 6 Page - 3M Electronics

Part # 155240-5202-RA
Description  Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

155240-5202-RA Datasheet(HTML) 6 Page - 3M Electronics

  155240-5202-RA Datasheet HTML 1Page - 3M Electronics 155240-5202-RA Datasheet HTML 2Page - 3M Electronics 155240-5202-RA Datasheet HTML 3Page - 3M Electronics 155240-5202-RA Datasheet HTML 4Page - 3M Electronics 155240-5202-RA Datasheet HTML 5Page - 3M Electronics 155240-5202-RA Datasheet HTML 6Page - 3M Electronics 155240-5202-RA Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Appendix E5: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC.
This product contains lead in excess of the maximum concentration value allowed but is compliant by exemption under
Item 6 of the Annex to the Directive.
“RoHS Compliant 2005/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of
the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless
the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information
represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
CHINA
Appendix C1: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for
Certain Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that the
product or part does not contain any of the following substances in excess of the following maximum concentration values in any
homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated
diphenyl ethers (excluding decaBDE); or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this
information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix C2: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for Certain
Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that
the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration
values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or
polybrominated diphenyl ethers (excluding decaBDE); or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in
writing, this information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
The numerical reference in the symbol above should not be construed as a representation regarding the product’s life or an
extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with
3M’s Regulatory Information Appendix, then 3M’s entire liability and Buyer’s exclusive remedy will be in accordance with the
product Warranty stated below.
RIA-2217A-E


Similar Part No. - 155240-5202-RA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15524 ETC-15524 Datasheet
183Kb / 2P
   HEYClip??Nylon Push Screws
logo
Heyco.
15524 HEYCO-15524 Datasheet
114Kb / 2P
   Nylon Push Screws – HPLP Series
logo
List of Unclassifed Man...
15524B ETC-15524B Datasheet
183Kb / 2P
   HEYClip??Nylon Push Screws
logo
Heyco.
15524B HEYCO-15524B Datasheet
114Kb / 2P
   Nylon Push Screws – HPLP Series
More results

Similar Description - 155240-5202-RA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
HK TO-GRACE TECHNOLOGY ...
AA4040VRBXZ1S-A-2A TO-GRACE-AA4040VRBXZ1S-A-2A Datasheet
1,018Kb / 6P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LZGCKT-AMT KINGBRIGHT-AA4040LZGCKT-AMT Datasheet
542Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/22/2023
logo
HK TO-GRACE TECHNOLOGY ...
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LQBSD-AMT KINGBRIGHT-AA4040LQBSD-AMT Datasheet
554Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com