Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5EK1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 5EK1
Description  General Purpose RFI Power Line Filters-Ideal for High Impedance Load
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5EK1 Datasheet(HTML) 4 Page - Tyco Electronics

  5EK1 Datasheet HTML 1Page - Tyco Electronics 5EK1 Datasheet HTML 2Page - Tyco Electronics 5EK1 Datasheet HTML 3Page - Tyco Electronics 5EK1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
General Purpose RFI Power Line Filters — Ideal for High Impedance Load (Continued)
Case Styles
Case Dimensions
AB
C
D
E
± .015
Part No.
(max)
(max)
(max)
(max)
± .38
1VK1, 1EK1,
3.1
2.07
0.91
2.375
2.81
2VK1, 2EK1
78.7
52.6
23.1
60.33
71.4
1VK3, 1EK3,
1.81
2.07
0.91
2.375
2.81
2VK3, 2EK3
46.0
52.6
23.1
60.33
71.4
3VK1, 3EK1,
3.10
2.07
1.16
2.375
2.81
5VK1, 5EK1
78.7
52.6
29.5
60.33
71.4
3VK3, 3EK3,
1.81
2.07
1.16
2.375
2.81
5VK3, 5EK3
46.0
52.6
29.5
60.33
71.4
3VK7, 3VK7M,
3.21
2.25
1.28
1.575
0.63
3EK7, 3EK7M
81.5
57.2
32.5
40.01
16.0
5VK7, 5VK7M,
3.21
2.25
1.28
1.575
0.63
5EK7, 5EK7M
81.5
57.2
32.5
40.01
16.0
10VK1,
3.35
2.07
1.16
2.375
2.81
10EK1
85.1
52.6
29.5
60.33
71.4
10VK3,
2.07
2.07
1.16
2.375
2.81
10EK3
52.6
52.6
29.5
60.33
71.4
10VK6
3.46
2.07
1.16
2.375
2.81
87.9
52.6
29.5
60.33
71.4
10VK7, 10VK7M,
3.71
2.25
1.28
1.575
0.63
10EK7, 10EK7M 94.2
57.2
32.5
40.01
16.0
20VK1,
3.35
2.56
1.53
2.938
3.35
20EK1
85.1
65.0
38.9
74.63
85.1
20VK6
3.46
2.56
1.53
2.938
3.35
87.9
65.0
38.9
74.63
85.1
20VK7
3.8
2.28
1.78
1.575
.846
90.4
54.6
39.6
74.63
85.8
30VK6,
5.34
3.38
1.53
3.75
4.20
30VK6C
135.6
85.9
38.9
95.25
106.7
40VK6,
5.34
3.38
1.53
3.75
4.20
40VK6C
135.6
85.9
38.9
95.25
106.7
60VK6
6.189
3.344
1.50
3.75
4.136
157.2
84.94
38.1
95.25 105.05
77
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
K Series
CORCOM Product Guide
Part Numbers
1VK1
1VK3
2VK1
2VK3
3VK1
3VK3
3VK7
3VK7M
5VK1
5VK3
5VK7
5VK7M
10VK1
10VK3
10VK6
10VK7
10VK7M
20VK1
20VK6
20VK7*
30VK6
30VK6C
40VK6
40VK6C
60VK6
1EK1
1EK3
2EK1
2EK3
3EK1
3EK3
3EK7
3EK7M
5EK1
5EK3
5EK7M
5EK7
10EK1
10EK3
10EK7
10EK7M
20EK1
Line Cord No.
GA400
20VK6
20VK7
VK1/EK1
±.02 [±0.5]
±.01 [±.0.25]
* UL, CSA - 20A; VDE- 16A


Similar Part No. - 5EK1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5EK1 MACOM-5EK1 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
5EK1 TEC-5EK1 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
More results

Similar Description - 5EK1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VK1 MACOM-1VK1_11 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
1VK1 TEC-1VK1 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
List of Unclassifed Man...
1VB1 ETC1-1VB1 Datasheet
72Kb / 2P
   General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
logo
Tyco Electronics
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
   General Purpose RFI Filters for High Impedance Loads at Low Current
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com