Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

152220-0103GB Datasheet(PDF) 1 Page - 3M Electronics

Part # 152220-0103GB
Description  Pak 20 Wiremount Socket - 2 mm 횞 2 mm for 1 mm Pitch Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

152220-0103GB Datasheet(HTML) 1 Page - 3M Electronics

  152220-0103GB Datasheet HTML 1Page - 3M Electronics 152220-0103GB Datasheet HTML 2Page - 3M Electronics 152220-0103GB Datasheet HTML 3Page - 3M Electronics 152220-0103GB Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPak 20 Wiremount Socket
2 mm × 2 mm for 1 mm Pitch Cable
1522 Series
• Industrystandardcompatible
• MateswithPak20(2mmx2mm)gridpinstrips
• Lowprofile
• Preassembledcovers
• Availablewithorwithoutstrainrelief
• Availablewithoptionalcenterbumppolarityfeature
• SeetheRegulatoryInformationAppendix(RIA)in
the“RoHScompliance”sectionof
www.3mconnector.comforcomplianceinformation
(RIAE1&C1apply)
Date Modified: April 15, 2010
TS-0523-C
Sheet 1 of 3
Physical
Insulation:
Material: Glass Filled Polyester (PBT)
Flammability: UL94V-0
Color: Gray
Contact:
Material:
CopperAlloy
Plating:
Underplating and U-Slot: 50 -150 μ” [ 1.27-3.81 μm ] Nickel - QQ-N-290, Class 2
WipingArea: Gold, MIL-G-45204, Type II, Grade C
WireAccommodation: 28AWG Stranded
Marking: 3M Logo, Part Identification Number and OrientationTriangle
Note:The location and thickness of the contact plating is determined by the part number. Refer to ordering information.
Electrical
Current Rating: 1A
Insulation Resistance: > 1 × 109Ω at 500V
DC
Withstanding Voltage: 1,000VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
ULFileNo.:E68080
RoHS = Directive 2002/95/EC,
Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment


Similar Part No. - 152220-0103GB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152220-0103GB 3M-152220-0103GB Datasheet
70Kb / 3P
   2mm X 2mm Wiremount Socket
More results

Similar Description - 152220-0103GB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS746 TI1-TPS746 Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO With Power-Good in a Small 2-mm 횞 2-mm WSON Package
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com